Electronic Components Datasheet Search
  English  ▼

X  

MSC8103VT1200F Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MSC8103VT1200F
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103VT1200F Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MSC8103VT1200F Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8103VT1200F Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 12
iv
Freescale Semiconductor
Target Applications
The MSC8103 targets applications requiring very high performance, very large amounts of internal memory, and
such networking capabilities as:
•
Third-generation wideband wireless infrastructure systems
•
Packet Telephony systems
•
Multi-channel modem banks
•
Multi-channel xDSL
Product Documentation
The documents listed in Table 1 are required for a complete description of the MSC8103 and are necessary to
design properly with the part. Documentation is available from the following sources (see back cover for details):
•
A local Freescale distributor
•
A Freescale Semiconductor sales office
•
A Freescale Semiconductor Literature Distribution Center
•
The world wide web (WWW)
Table 1. MSC8103 Documentation
Name
Description
Order Number
MSC8103
Technical Data
MSC8103 features list and physical, electrical, timing, and package
specifications
MSC8103/D
MSC8101 User’s Guide
Detailed functional description of the MSC8101 memory
configuration, operation, and register programming. All details apply
to the MSC8103.
MSC8101UG/D
MSC8103 Reference Manual
Detailed description of the MSC8103 processor core and instruction
set
MSC8103RM/D
SC140 DSP Core Reference Manual
Detailed description of the SC140 family processor core and
instruction set
MNSC140CORE/D
Application Notes
Documents describing specific applications or optimized device
operation including code examples
See the MSC8103 product
website



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com