| Electronic Components Datasheet Search |
|
MSC8103VT1200F Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8103VT1200F Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc |
|
54 / 104 page ![]() MSC8103 Network Digital Signal Processor, Rev. 12 2-14 Freescale Semiconductor Physical and Electrical Specifications 2.6.5 System Bus Access Timing 2.6.5.1 Core Data Transfers Generally, all MSC8103 bus and system output signals are driven from the rising edge of the reference clock (REFCLK), which is DLLIN. Memory controller signals, however, trigger on four points within a DLLIN cycle. Each cycle is divided by four internal ticks: T1, T2, T3, and T4. T1 always occurs at the rising edge of DLLIN (and T3 at the falling edge), but the spacing of T2 and T4 depends on the PLL clock ratio selected, as Table 2-15 shows. Figure 2-9 is a graphical representation of Table 2-15. Note: The UPM machine and GPCM machine outputs change on the internal tick determined by the memory controller programming; the AC specifications are relative to the internal tick. SDRAM machine outputs change only on the DLLIN rising edge. Table 2-15. Tick Spacing for Memory Controller Signals PLL Clock Ratio Tick Spacing (T1 Occurs at the Rising Edge of DLLIN) T2 T3 T4 1:2, 1:3, 1:4, 1:5, 1:6 1/4 DLLIN 1/2 DLLIN 3/4 DLLIN 1:2.5 3/10 DLLIN 1/2 DLLIN 8/10 DLLIN 1:3.5 4/14 DLLIN 1/2 DLLIN 11/14 DLLIN Figure 2-9. Internal Tick Spacing for Memory Controller Signals DLLIN T1 T2 T3 T4 DLLIN T1 T2 T3 T4 for 1:2.5 for 1:3.5 DLLIN T1 T2 T3 T4 for 1:2, 1:3, 1:4, 1:5, 1:6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |