Electronic Components Datasheet Search
  English  ▼

X  

STP8NM60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP8NM60
Description  N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM60 Datasheet(HTML) 4 Page - STMicroelectronics

  STP8NM60 Datasheet HTML 1Page - STMicroelectronics STP8NM60 Datasheet HTML 2Page - STMicroelectronics STP8NM60 Datasheet HTML 3Page - STMicroelectronics STP8NM60 Datasheet HTML 4Page - STMicroelectronics STP8NM60 Datasheet HTML 5Page - STMicroelectronics STP8NM60 Datasheet HTML 6Page - STMicroelectronics STP8NM60 Datasheet HTML 7Page - STMicroelectronics STP8NM60 Datasheet HTML 8Page - STMicroelectronics STP8NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STP8NM60, STD5NM60, STB8NM60
4/18
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD= 300 V, ID= 2.5 A,
RG= 4.7 Ω, VGS=10 V
(see Figure 17)
14
10
23
10
ns
ns
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
VDD= 480 V, ID= 5 A,
RG= 4.7 Ω, VGS=10 V
7
10
17
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
8
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
32
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD = 5A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 5 A, VDD=100 V
di/dt = 100 A/µs,
(see Figure 22)
300
1.95
13
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 5 A, VDD = 100 V
di/dt = 100 A/µs,
Tj=150 °C
(see Figure 22)
445
3.00
13.5
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com