Electronic Components Datasheet Search
  English  ▼

X  

2SB647 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SB647
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB647 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SB647 Datasheet HTML 1Page - Renesas Technology Corp 2SB647 Datasheet HTML 2Page - Renesas Technology Corp 2SB647 Datasheet HTML 3Page - Renesas Technology Corp 2SB647 Datasheet HTML 4Page - Renesas Technology Corp 2SB647 Datasheet HTML 5Page - Renesas Technology Corp 2SB647 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00 Aug 10, 2005 page 1 of 5
2SB647, 2SB647A
Silicon PNP Epitaxial
REJ03G0648-0200
(Previous ADE-208-1025)
Rev.2.00
Aug.10.2005
Application
• Low frequency power amplifier
• Complementary pair with 2SD667/A
Outline
1. Emitter
2. Collector
3. Base
RENESAS Package code: PRSS0003DC-A
(Package name: TO-92 Mod)
3
2
1
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
2SB647
2SB647A
Unit
Collector to base voltage
VCBO
–120
–120
V
Collector to emitter voltage
VCEO
–80
–100
V
Emitter to base voltage
VEBO
–5
–5
V
Collector current
IC
–1
–1
A
Collector peak current
iC(peak)
–2
–2
A
Collector power dissipation
PC
0.9
0.9
W
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C


Similar Part No. - 2SB647

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB647 HITACHI-2SB647 Datasheet
33Kb / 6P
Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SB647 RENESAS-2SB647 Datasheet
47Kb / 8P
Silicon PNP Epitaxial
logo
Unisonic Technologies
2SB647 UTC-2SB647 Datasheet
168Kb / 3P
SILICON PNP EPITAXIAL
logo
TRANSYS Electronics Lim...
2SB647 TEL-2SB647 Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
logo
Weitron Technology
2SB647 WEITRON-2SB647 Datasheet
192Kb / 5P
PNP General Purpose Transistors
More results

Similar Description - 2SB647

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA778 RENESAS-2SA778 Datasheet
106Kb / 7P
Silicon PNP Epitaxial
2SA893A RENESAS-2SA893A Datasheet
161Kb / 5P
Silicon PNP Epitaxial
2SA1121 RENESAS-2SA1121 Datasheet
65Kb / 5P
Silicon PNP Epitaxial
2SA1122 RENESAS-2SA1122 Datasheet
164Kb / 5P
Silicon PNP Epitaxial
2SA2080 RENESAS-2SA2080_05 Datasheet
172Kb / 6P
Silicon PNP Epitaxial
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
Silicon PNP Epitaxial
2SB831 RENESAS-2SB831 Datasheet
160Kb / 6P
Silicon PNP Epitaxial
2SA1468 RENESAS-2SA1468 Datasheet
154Kb / 8P
Silicon PNP Epitaxial
2SB1059 RENESAS-2SB1059 Datasheet
139Kb / 6P
Silicon PNP Epitaxial
2SB1409 RENESAS-2SB1409 Datasheet
152Kb / 8P
Silicon PNP Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com