Electronic Components Datasheet Search
  English  ▼

X  

HD29026AFPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD29026AFPEL
Description  Dual CCD Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29026AFPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD29026AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HD29026A/HD29027
Rev.2.00, Jul.16.2004, page 4 of 11
Electrical Characteristics (Ta = –20 to +75°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
—
—
V
V
IL
——
0.6
Output voltage
V
OH
V
CC–1
—
—
V
V
IL = 0.6 V, IOH = –1 mA
V
OL
——
0.5
V
IH = 2.0 V, IOL = 1 mA
Input current
I
IH
——
20
µA
V
I = 2.7 V
HD29026A
I
IL
—
—
–100
V
I = 0.4 V
HD29027
—
—
–200
Supply current
HD29026A
I
CCH
——
12
mA
HD29027
—
—
20
HD29026A
I
CCL
——
20
HD29027
—
—
30
Input current
I
I
—
—
100
µA
V
I = 7 V
Input clamp voltage
V
IK
—
—
–1.5
V
I
IN = –18 mA
Note:
HD29026A: V
CC = 8 to 13 V
HD29027: V
CC = 4.5 to 8 V
Switching Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Fall propagation
HD29026A
t
PHL
—16
20
ns
C
L = 1000 pF
V
CC = 8 V
delay time
—
11
15
V
CC = 12 V
HD29027
—
10
15
V
CC = 6 V
Rise propagation
HD29026A
t
PLH
—18
25
ns
C
L = 1000 pF
V
CC = 8 V
delay time
—
13
20
V
CC = 12 V
HD29027
—
10
15
V
CC = 6 V
Fall (transition) time HD29026A
t
THL
—17
21
ns
C
L = 250 pF
V
CC = 8 V
—12
16
V
CC = 12 V
HD29027
—
9
14
V
CC = 6 V
HD29026A
—
20
23
CL = 500 pF
V
CC = 8 V
—15
18
V
CC = 12 V
HD29027
—
12
17
V
CC = 6 V
HD29026A
—
25
40
C
L = 1000 pF
V
CC = 8 V
—20
35
V
CC = 12 V
HD29027
—
20
25
V
CC = 6 V
Rise (transition) time HD29026A
t
TLH
—
15
20
ns
CL = 250 pF
V
CC = 8 V
—10
15
V
CC = 12 V
HD29027
—
9
14
V
CC = 6 V
HD29026A
—
21
25
C
L = 500 pF
V
CC = 8 V
—16
20
V
CC = 12 V
HD29027
—
12
17
V
CC = 6 V
HD29026A
—
22
30
C
L = 1000 pF
V
CC = 8 V
—17
25
V
CC = 12 V
HD29027
—
20
25
V
CC = 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com