Electronic Components Datasheet Search
  English  ▼

X  

HD29026AFPEL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD29026AFPEL
Description  Dual CCD Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29026AFPEL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD29026AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 10Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 11Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HD29026A/HD29027
Rev.2.00, Jul.16.2004, page 10 of 11
t
TLH vs CL
40
30
20
10
0
200
400
600
800
1000
t
(ns)
TLH
C (pF)
L
40
30
20
10
0
200
400
600
800
1000
t
(ns)
TLH
C (pF)
L
T = 25 °C
V
= 12 V
CC
T = 25 °C
V
= 8 V
CC
a
R
= 10
Ω
D
0
Ω
R
= 10
Ω
D
0
Ω
a
t
THL vs CL
40
30
20
10
0
200
400
600
800
1000
t
(ns)
THL
C (pF)
L
40
30
20
10
0
200
400
600
800
1000
t
(ns)
THL
C (pF)
L
T = 25 °C
V
= 12 V
CC
a
T = 25 °C
V
= 8 V
CC
a
R
= 10
Ω
D
0
Ω
R
= 10
Ω
D
0
Ω
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com