Electronic Components Datasheet Search
  English  ▼

X  

PAM8302A Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8302A
Description  2.5W Filterless Class-D Mono Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302A Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8302A Datasheet HTML 2Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 9Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Performance Characteristics
T =25 C, unless otherwise noted.
A
O
6
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8302A
2.5W Filterless Class-D Mono Audio Amplifier
Quiescent Current VS Temperature
No input, No Load, V =5.0V
DD
0
1
2
3
4
5
6
7
8
0
50
100
150
Temperature
0
50
100
150
200
250
300
350
0
50
100
150
Temperature
Frequency VS Temperature
No input, No Load, V =5.0V
DD
Supply Current VS Output Power
R=8 +33 H
l
μ
Ω
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
500
1000
1500
2000
Output Power(mW)
VDD=3.6V
VDD=5V
Supply Current VS Output Power
V =5.0V
DD
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
500
1000
1500
2000
2500
3000
Output Power(mW)
Load=8ohm+33uH
L=4ohm+33uH
Output Power VS. Supply Voltage
R=8
l
Ω
Output Power VS. Supply Voltage
R=4
l
Ω
0
0.5
1
1.5
2
2.5
2.8 3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5 5.2 5.4
Supply Voltage(V)
THD=1%
THD=10%
0
0.5
1
1.5
2
2.5
3
3.5
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage(V)
THD+N=1%
THD+N=10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com