Electronic Components Datasheet Search
  English  ▼

X  

PAM8302A Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8302A
Description  2.5W Filterless Class-D Mono Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302A Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8302A Datasheet HTML 1Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 2Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Key Features
Applications
2.5W Output at 10% THD with a 4
Load
and 5V Power Supply
Filterless, Low Quiescent Current and Low
EMI
High Efficiency up to 88%
Superior Low Noise
Short Circuit Protection
Thermal Shutdown
Few External Components to Save Space
and Cost
MSOP-8, SOP-8 and DFN3x3 Packages
Available
PMP/MP4
GPS
Portable Speakers
Walkie Talkie
Handsfree phones/Speaker Phones
Cellular Phones
directly
system cost
It can optimize
battery life thus is ideal for portable applications.
MSOP-8, SOP-8
and DFN3x3
Ω
n
n
n
n
n
n
General Description
The PAM8302A is a 2.5W class-D mono audio
amplifier. Its low THD+N feature offers high-
quality sound reproduction. The new filterless
architecture allows the device to drive speaker
instead of using low-pass output filters,
therefore save
and PCB area.
With the same number of external components,
the efficiency of the PAM8302A is much better
than that of class-AB cousins.
The PAM8302A is available in
packages.
n
n
n
n
n
n
n
n
n
Pb-Free Package
1
www.poweranalog.com
09/2008 Rev 1.2
Typical Application
,
Power Analog Microelectronics Inc
PAM8302A
2.5W Filterless Class-D Mono Audio Amplifier
OFF
ON
IN+
IN-
VO-
VO+
GND
VDD
/SD
IN-
IN+
Ci
Ri
Ci
Ri
Differential
Input
PAM8302A
1μF
1
3
4
6
8
5
7


Similar Part No. - PAM8302A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
logo
Power Analog Micoelectr...
PAM8302AADCR PAM-PAM8302AADCR Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302AADCR DIODES-PAM8302AADCR Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
logo
Power Analog Micoelectr...
PAM8302AASCR PAM-PAM8302AASCR Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302AASCR DIODES-PAM8302AASCR Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
More results

Similar Description - PAM8302A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com