Electronic Components Datasheet Search
  English  ▼

X  

PAM8403 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8403
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8403 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8403 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
3
Pin Descriptions
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage ...........................................6.6V
Operation Temperature Range.........-40°C to 85
Operation Junction Temperature.....-40
to 125
Storage Temperature.....................-65
to 150
Soldering Temperature.......................
.
Input Voltage.............................-0.3V to V +0.3V
°C
Maximum Junction Temperature..................150°C
°C
°C
°C
°C
300°C, 5sec
DD
Recommended Operating Conditions
Supply voltage Range........................
Operation Temperature Range.........-40
to 85
Junction Temperature Range.........-40
to 125
2.5V to 5.5V
Max. Supply Voltage (for Max. duration of
30 minutes)................................................6.4V
°C
°C
°C
°C
Thermal Information
09/2008 Rev 1.3
,
Power Analog Microelectronics Inc
www.poweranalog.com
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to Ambient)
θJA
SOP-16
110
°C/W
Thermal Resistance (Junction to Case)
θJC
SOP-16
23
°C/W
Pin Number
Pin Name
Description
1
+OUT_L
Left Channel Positive Output
2
PGND
Power GND
3
-OUT_L
Left Channel Negative Output
4
PVDD
Power VDD
5
MUTE
Mute Control Input
(active low)
6
VDD
Analog VDD
7
INL
Left Channel Input
8
VREF
Internal analog reference, connect a bypass capacitor from VREF to GND
9
NC
No connect
10
INR
Right Channel Input
11
GND
Analog GND
12
SHDN
Shutdown Control Input (active low)
13
PVDD
Power VDD
14
-OUT_R
Right Channel Negative Output
15
PGND
Power GND
16
+OUT_R
Right Channel Positive Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com