Electronic Components Datasheet Search
  English  ▼

X  

PAM8403 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8403
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8403 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8403 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8403 Datasheet HTML 12Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Notes
1. The AP AUX-0025 low pass filter is necessary for class-D amplifier measurement with AP analyzer.
2. Two 22µH inductors are used in series with load resistor to emulate the small speaker for efficiency
measurement.
8
Application Notes
1. When the PAM8403 works with LC filters, it
should be connected with the speaker before it's
powered on, otherwise it will be damaged easily.
2.
When the PAM8403 works without LC filters,
it's better to add a ferrite chip bead at the
outgoing line of speaker for suppressing the
possible electromagnetic interference.
3.
The recommended operating voltage is
5.5V. When the PAM8403 is powered with 4
battery cells, it should be noted that the voltage
of 4 new dry or alkaline batteries is over 6.0V,
higher than its operation voltage, which will
probably damage the device. Therefore, it's
recommended to use either 4 Ni-MH (Nickel
Metal Hydride) rechargeable batteries or 3 dry or
alkaline batteries.
4.
One should not make the input signal too
large. Large signal can cause the clipping of
output signal when increasing the volume. This
will damage the device b
.
5.
When testing the PAM8403 without LC filters
by using resistor instead of speaker as the output
load, the test results, e.g. THD or efficiency, will
be worse than those of using speaker as load.
ecause of big gain of the
PAM8403
Test Setup for Performance Testing
AP System One
Generator
PAM8403 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System One
Analyzer
GND
-OUT
VDD
Power Supply
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
09/2008 Rev 1.3
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com