Electronic Components Datasheet Search
  English  ▼

X  

PAM8603M Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8603M
Description  3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8603M Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8603M Datasheet HTML 3Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 4Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 5Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 6Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 7Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 8Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 9Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 10Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
200
210
220
230
240
250
260
270
280
290
300
3
3.544.5
55.5
Power Supply Voltage(V)
0
0.5
1
1.5
2
2.5
3
3.5
4
2.5
3
3.5
4
4.5
5
5.5
Power Supply Voltage(V)
Typical Operating Characteristics (T =25°C)
A
7
10/2008 Rev 1.0
,
Power Analog Microelectronics Inc
www.poweranalog.com
13. Output Power VS Supply Voltage
0
0.5
1
1.5
2
2.5
2.5
3
3.5
4
4.5
5
5.5
Power Supply Voltage(V)
R=8
L
Ω
R=4
L
Ω
14. Output Power VS Supply Voltage
15. Rdson VS Output Current
215
220
225
230
235
240
245
250
255
260
50
100
200
300
400
500
750 1000 1500
Drain-source Current(mA)
16. Rdson VS Output Current
154
156
158
160
162
164
166
168
170
172
50
100
200
300
400
500
750 1000 1500
Drain-source Current(mA)
17. Frequency VS Supply Voltage
Input AC-ground
18. Gain Control VS Volume Voltage
-80
-60
-40
-20
0
20
40
0.1 0.2
0.4 0.5 0.7
0.8 0.9 1.1
1.2 1.4 1.5
1.6 1.8 1.9 2.1
2.2 2.3 2.5
2.6 2.8 2.9
3.0 3.2 3.3
3.5 3.6 3.7
3.9 4.0 4.2 4.3
4.4
Volume Voltage(V)
PMOSFET
Vgs=-5V
NMOSFET
Vgs=5V
V=5V
DD
THD=1%
THD=10%
THD=10%
THD=1%
PAM8603M
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com