Electronic Components Datasheet Search
  English  ▼

X  

PAM8603M Datasheet(PDF) 14 Page - Power Analog Micoelectronics

Part # PAM8603M
Description  3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8603M Datasheet(HTML) 14 Page - Power Analog Micoelectronics

Back Button PAM8603M Datasheet HTML 6Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 7Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 8Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 9Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 10Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 11Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 12Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 13Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
SOP-18
D
A3
A2 A
A1
θ
c
0.25
L
L1
b
e
B
B
E1
E
c1 C
b
b1
BASE METAL
WITH PLATING
SECTION B-B
MILLIMETER
SYMBOL
MIN
NOM
MAX
A-
-
2.70
A1
0.08
0.18
0.30
A2
2.10
2.30
2.50
A3
0.92
1.02
1.12
b
0.35
-
0.44
b1
0.34
0.37
0.39
c
0.26
-
0.31
c1
0.24
0.25
0.26
D
11.25
11.45
11.76
E
10.00
10.30
10.64
E1
7.30
7.50
7.70
e
1.27BSC
L
0.700.851.00
L1
1.40BSC
θ0°
-
8°
Outline Dimension
14
10/2008 Rev 1.0
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8603M
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com