Electronic Components Datasheet Search
  English  ▼

X  

PAM8610 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8610
Description  10W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8610 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8610 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Typical Application
Key Features
Applications
10W@10%THD / Channel Output into a 8
Load at 13V
Low Noise: -90dB
Over 90% Efficiency
32Step DC Volume Control from -75dB to 32dB
With Shutdown/Mute/Fade Function
Over Current , Thermal and Short-Circuit
Protection
Low THD+N
Low Quiescent Current
Pop noise suppression
Small Package Outlines: Thin 40-pin QFN
6mm*6mm Package
Flat monitor /LCD TVS
Multi-media speaker System
DVD players, game machines
Boom Box
Music instruments
Ω
n
n
n
n
n
General Description
The PAM8610 is a 10W (per channel) stereo
class-D audio amplifier with DC Volume Control
which offers low THD+N (0.1%), low EMI, and
good
PSRR
t hus
high-quality
s ound
reproduction. The 32 steps DC volume control
has a +32dB to -75dB range.
The PAM8610 runs off of a 7V to 15V supply at
much higher efficiency than competitors’ Ics.
The PAM8610 only requires very few external
components, significantly saving cost and board
space.
The PAM8610 is available in a 40pin QFN
6mm*6mm package.
n
n
n
n
n
n
n
n
n
n
n
Pb-Free Package (RoHS Compliant)
PAM8610
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
1
,
Power Analog Microelectronics Inc
www.poweranalog.com
08/2008 Rev 1.2
RINN
RINP
AVDD
VREF
VOLUME
REFGND
AGND1
FADE
LINP
LINN
VCLAMPL
COSC
ROSC
AGND
VCLAMPR
MUTE
AVCC
V2P5
AGND
SD
RINN
1F
μ
1F
μ
RINP
1F
μ
VOLUME
GND
FADE
1F
μ
LINN
1F
μ
LINP
1F
μ
10 F
μ
1F
μ
1F
μ
1F
μ
10 F
μ
1F
μ
GND
220pF
GND
GND
MUTE
VCC
GND
SHUTDOWN
1F
μ
GND
GND
1F
μ
10 F
μ
1F
μ
1F
μ
1F
μ
10 F
μ
PAM8610
GND
1F
μ
10 F
μ
100nF
120K


Similar Part No. - PAM8610

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
PAM8610TR DIODES-PAM8610TR Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
More results

Similar Description - PAM8610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
List of Unclassifed Man...
TMPA208DS ETC1-TMPA208DS Datasheet
179Kb / 8P
2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2_06 Datasheet
511Kb / 34P
3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com