Electronic Components Datasheet Search
  English  ▼

X  

PAM8610 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8610
Description  10W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8610 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8610 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
-100
-50
-95
-90
-85
-80
-75
-70
-65
-60
-55
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
Typical Performance Characteristics
10
,
Power Analog Microelectronics Inc
08/2008 Rev 1.2
PAM8610
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
14. Crosstalk
16. Noise Floor
www.poweranalog.com
15. Frequency Response (Vo=1.0Vrms)
-5
+5
-4
-3
-2
-1
+0
+1
+2
+3
+4
d
B
r
A
20
30k
50
100
200
500
1k
2k
5k
10k
20k
Hz
RtoL
Lto R
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
13. Power Supply Ripple Rejection
17. CMRR
-80
+0
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
V =12V,R =8
Gv=24dB,
°C, unless otherwise noted.
DD
L
Ω,
Τ =25
Α
18. Efficiency vs Power
0
10
20
30
40
50
60
70
80
90
100
012345
6789
10
Output Power(W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com