Electronic Components Datasheet Search
  English  ▼

X  

STPS80L15CY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS80L15CY
Description  LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80L15CY Datasheet(HTML) 1 Page - STMicroelectronics

  STPS80L15CY Datasheet HTML 1Page - STMicroelectronics STPS80L15CY Datasheet HTML 2Page - STMicroelectronics STPS80L15CY Datasheet HTML 3Page - STMicroelectronics STPS80L15CY Datasheet HTML 4Page - STMicroelectronics STPS80L15CY Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STPS80L15CY
PRELIMINARY DATASHEET
®
July 2003 - Ed: 5B
LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
IF(AV)
2x40A
VRRM
15 V
Tj (max)
125 °C
VF (max)
0.33 V
MAIN PRODUCT CHARACTERISTICS
n
Max247
PACKAGE,
DUAL
DIODE
CONSTRUCTION, 2 x 40A
n
15V BLOCKING VOLTAGE SUITABLE FOR 5V
AND 12V OR-ing
n
EXTREMELY
LOW
VOLTAGE
VOLTAGE
DROP: 0.33V @ 100°C
n
OPERATING
JUNCTION
TEMPERATURE:
125°C
n
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
The STPS80L15CY uses proprietary barrier
technology to optimize forward voltage drop for
OR-ing functions in n-1 fault tolerant Switch Mode
Power Supplies.
DESCRIPTION
Max247
A1
K
A2
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
15
V
IF(RMS)
RMS forward current
50
A
IF(AV)
Average forward current
Tc = 110°C
δ = 0.5
Per diode
Per device
40
80
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
400
A
IRRM
Repetitive peak reverse current
tp=2µsF= 1kHz square
2
A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
36045
W
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
125
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
A1
A2
K


Similar Part No. - STPS80L15CY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS80L15TV STMICROELECTRONICS-STPS80L15TV Datasheet
49Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
More results

Similar Description - STPS80L15CY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
93Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS40L15CW STMICROELECTRONICS-STPS40L15CW Datasheet
84Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Nov-1999
STPS60L15CW STMICROELECTRONICS-STPS60L15CW Datasheet
57Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS80L15TV STMICROELECTRONICS-STPS80L15TV Datasheet
49Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS20L15D STMICROELECTRONICS-STPS20L15D_03 Datasheet
92Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15CW STMICROELECTRONICS-STPS40L15CW_03 Datasheet
83Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15C STMICROELECTRONICS-STPS40L15C_11 Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
STPS40L15C STMICROELECTRONICS-STPS40L15C Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
logo
IXYS Corporation
DSS2X200-0008D IXYS-DSS2X200-0008D Datasheet
165Kb / 1P
OR-ing Power Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com