Electronic Components Datasheet Search
  English  ▼

X  

STPS80L15CY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS80L15CY
Description  LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80L15CY Datasheet(HTML) 4 Page - STMicroelectronics

  STPS80L15CY Datasheet HTML 1Page - STMicroelectronics STPS80L15CY Datasheet HTML 2Page - STMicroelectronics STPS80L15CY Datasheet HTML 3Page - STMicroelectronics STPS80L15CY Datasheet HTML 4Page - STMicroelectronics STPS80L15CY Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STPS80L15CY
4/5
0123456789 10 11 12 13 14 15
1E-1
1E+0
1E+1
1E+2
1E+3
IR(mA)
Tj=25°C
Tj=75°C
VR(V)
Tj=100°C
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values, per diode).
12
5
10
20
1
2
5
10
C(nF)
F=1MHz
Tj=25°C
VR(V)
Fig. 8: Junction capacitance versus reverse
voltage applied (typical values, per diode).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1
10
100
200
IFM(A)
Tj=100°C
(typical values)
Tj=25°C
(Maximum values)
Tj=100°C
(Maximum values)
VFM(V)
Fig. 9: Forward voltage drop versus forward
current (per diode).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com