Electronic Components Datasheet Search
  English  ▼

X  

STPS80L15TV Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS80L15TV
Description  LOW DROP OR-ing POWER SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80L15TV Datasheet(HTML) 2 Page - STMicroelectronics

  STPS80L15TV Datasheet HTML 1Page - STMicroelectronics STPS80L15TV Datasheet HTML 2Page - STMicroelectronics STPS80L15TV Datasheet HTML 3Page - STMicroelectronics STPS80L15TV Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
Per diode
1
°C/W
Total
0.55
Rth (c)
Coupling
0.1
THERMAL RESISTANCES
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 100
°CVR = 5V
280
mA
Tj = 25
°CVR = 12V
11
Tj = 100
°C
0.44
1.1
A
VF *
Forward voltage drop
Tj = 25
°CIF = 40 A
0.43
V
Tj = 125
°CIF = 40 A
0.28
0.33
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Pulse test :
* tp = 380
µs, δ <2 %
To evaluate the conduction losses use the following equation :
P = 0.19 x IF(AV) + 3.25 10
-3 xIF2(RMS)
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
12
14
PF(av)(W)
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
T
δ=tp/T
tp
IF(av) (A)
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0
25
50
75
100
125
0
5
10
15
20
25
30
35
40
45
IF(av)(A)
Rth(j-a)=5
°C/W
Rth(j-a)=Rth(j-c)
Tamb(
°C)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ=1, per diode).
STPS80L15TV
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com