Electronic Components Datasheet Search
  English  ▼

X  

STPS80L30CY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS80L30CY
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80L30CY Datasheet(HTML) 1 Page - STMicroelectronics

  STPS80L30CY Datasheet HTML 1Page - STMicroelectronics STPS80L30CY Datasheet HTML 2Page - STMicroelectronics STPS80L30CY Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STPS80L30CY
PRELIMINARY DATASHEET
®
August 1999 - Ed: 1A
LOW DROP POWER SCHOTTKY RECTIFIER
IF(AV)
2 x 40 A
VRRM
30 V
Tj (max)
150
°C
VF (max)
0.38 V
MAIN PRODUCT CHARACTERISTICS
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
EXTREMELY FAST SWITCHING
LOW FORWARD VOLTAGE DROP
LOW THERMAL RESISTANCE
FEATURES AND BENEFITS
Dual center tap Schottky rectifier suited for CAD
computers and servers.
Packaged in MAX247, this device is intended for
use in low voltage, high frequency switching power
supplies, free wheeling and polarity protection
applications.
DESCRIPTION
Max247
A1
K
A2
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS)
RMS forward current
50
A
IF(AV)
Average forward current
Tc = 135
°C
δ = 0.5
Per diode
Per device
40
80
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
400
A
IRRM
Repetitive peak reverse current
tp = 2
µs F = 1kHz square
2
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values, per diode)
A1
A2
K
*:
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/3


Similar Part No. - STPS80L30CY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS80L15CY STMICROELECTRONICS-STPS80L15CY Datasheet
131Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80L15TV STMICROELECTRONICS-STPS80L15TV Datasheet
49Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS80L60CY STMICROELECTRONICS-STPS80L60CY Datasheet
136Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS80L30CY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com