Electronic Components Datasheet Search
  English  ▼

X  

STPS80L30CY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS80L30CY
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80L30CY Datasheet(HTML) 3 Page - STMicroelectronics

  STPS80L30CY Datasheet HTML 1Page - STMicroelectronics STPS80L30CY Datasheet HTML 2Page - STMicroelectronics STPS80L30CY Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
PACKAGE MECHANICAL DATA
MAX247
A
E
e
L1
b1
b2
b
L
D
c
A1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.70
5.30
0.185
0.209
A1
2.20
2.60
0.087
0.102
b
1.00
1.40
0.038
0.055
b1
2.00
2.40
0.079
0.094
b2
3.00
3.40
0.118
0.133
c
0.40
0.80
0.016
0.031
D
19.70
10.30
0.776
0.799
e
5.35
5.55
0.211
0.219
E
15.30
15.90
0.602
0.626
L
14.20
15.20
0.559
0.598
L1
3.70
4.30
0.146
0.169
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS80L30CY STPS80L30CY
MAX247
4.4g
30
Tube
Epoxy meets UL94,V0
Cooling method: C
STPS80L30CY
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com