Electronic Components Datasheet Search
  English  ▼

X  

HD74LS645 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS645
Description  Octal Bus Transceivers (non-inverted 3-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS645 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS645 Datasheet HTML 1Page - Renesas Technology Corp HD74LS645 Datasheet HTML 2Page - Renesas Technology Corp HD74LS645 Datasheet HTML 3Page - Renesas Technology Corp HD74LS645 Datasheet HTML 4Page - Renesas Technology Corp HD74LS645 Datasheet HTML 5Page - Renesas Technology Corp HD74LS645 Datasheet HTML 6Page - Renesas Technology Corp HD74LS645 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Feb.18.2005, page 1 of 6
HD74LS645
Octal Bus Transceivers (non-inverted 3-state outputs)
REJ03D0491–0200
Rev.2.00
Feb.18.2005
This octal bus transceivers is designed for asynchronous two-way communication between data buses. The devices
transmit data from the A bus to the B bus or from the B bus to the A bus depending upon the level at the direction
control (DIR) input. The enable input (
G) can be used to disable the device so that the buses are effectively isolated.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS645P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
—
HD74LS645FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
GND
DIR
1A
2A
3A
4A
5A
6A
7A
8A
Enable
G
2B
1B
3B
5B
4B
6B
8B
7B
20
17
18
19
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Function Table
Enable
Direction Control
G
DIR
Operation
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
Note:
H; high level, L; low level, X; irrelevant


Similar Part No. - HD74LS645

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS645 HITACHI-HD74LS645 Datasheet
71Kb / 7P
Octal Bus Transceivers(non-inverted 3-state outputs)
HD74LS645 HITACHI-HD74LS645 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
HD74LS645-1 HITACHI-HD74LS645-1 Datasheet
59Kb / 5P
Octal Bus Transceivers(non-inverted-3state outputs)
HD74LS645-1 HITACHI-HD74LS645-1 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS645-1 RENESAS-HD74LS645-1 Datasheet
183Kb / 7P
Octal Bus Transceivers (non-inverted 3-state outputs)
More results

Similar Description - HD74LS645

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC620 HITACHI-HD74HC620 Datasheet
60Kb / 10P
Octal Bus Transceivers(with inverted 3-state outputs)
HD74HCT620 HITACHI-HD74HCT620 Datasheet
58Kb / 9P
Octal Bus Transceivers (with inverted 3-state outputs)/
HD74LS640-1 HITACHI-HD74LS640-1 Datasheet
59Kb / 5P
Octal Bus Transceivers(inverted 3-state outputs)
HD74LS640 HITACHI-HD74LS640 Datasheet
71Kb / 7P
Octal Bus Transceivers(inverted 3-state outputs)
HD74LS645 HITACHI-HD74LS645 Datasheet
71Kb / 7P
Octal Bus Transceivers(non-inverted 3-state outputs)
logo
Renesas Technology Corp
HD74LS640 RENESAS-HD74LS640 Datasheet
80Kb / 7P
Octal Bus Transceivers (inverted 3-state outputs)
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74LS645-1 RENESAS-HD74LS645-1 Datasheet
183Kb / 7P
Octal Bus Transceivers (non-inverted 3-state outputs)
HD74HC620 RENESAS-HD74HC620_15 Datasheet
149Kb / 14P
Octal Bus Transceivers (with inverted 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com