Electronic Components Datasheet Search
  English  ▼

X  

HD74LS645 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS645
Description  Octal Bus Transceivers (non-inverted 3-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS645 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS645 Datasheet HTML 1Page - Renesas Technology Corp HD74LS645 Datasheet HTML 2Page - Renesas Technology Corp HD74LS645 Datasheet HTML 3Page - Renesas Technology Corp HD74LS645 Datasheet HTML 4Page - Renesas Technology Corp HD74LS645 Datasheet HTML 5Page - Renesas Technology Corp HD74LS645 Datasheet HTML 6Page - Renesas Technology Corp HD74LS645 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74LS645
Rev.2.00, Feb.18.2005, page 3 of 6
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
Input voltage
VIL
—
—
0.8
V
Hysteresis
VT
+ – V
T
–
0.2
—
—
V
VCC = 4.75 V
2.4
—
—
IOH = –3 mA
VOH
2
—
—
V
IOH = –15 mA
VCC = 4.75 V,
VIH = 2 V, VIL = 0.8 V
—
—
0.4
IOL = 12 mA
Output voltage
VOL
—
—
0.5
V
IOL = 24 mA
VCC = 4.75 V,
VIH = 2 V, VIL = 0.8 V
IOZH
—
—
20
VO = 2.7 V
Output current
IOZL
—
—
–400
µA
VO = 0.4 V
VCC = 5.25 V,
G input = 2 V
IIH
—
—
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
—
—
–400
µA
VCC = 5.25 V, VI = 0.4 V
A or B
—
—
0.1
VI = 5.5 V
Input
current
DIR or
G
II
—
—
0.1
mA
VI = 7 V
VCC = 5.25 V
Short-circuit output current
IOS***
–40
—
–225
mA
VCC = 5.25 V
ICCH
—
48
70
ICCL
—
62
90
Supply current**
ICCZ
—
64
95
mA
VCC = 5.25 V, Output open
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** ICC is measured with all outputs open.
*** Not more than one output shall be shorted at a time. the duration of the short circuit shall not exceed one
second.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
A
B
—
8
15
ns
tPLH
B
A
—
8
15
ns
A
B
—
11
15
ns
Propagation delay time
tPHL
B
A
—
11
15
ns
G
A
—
31
40
ns
tZL
G
B
—
31
40
ns
G
A
—
26
40
ns
Output enable time
tZH
G
B
—
26
40
ns
CL = 45 pF,
RL = 667
Ω
G
A
—
15
25
ns
tLZ
G
B
—
15
25
ns
G
A
—
15
25
ns
Output disable time
tHZ
G
B
—
15
25
ns
CL = 5 pF,
RL = 667
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com