Electronic Components Datasheet Search
  English  ▼

X  

HD74LS193 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LS193
Description  Synchronous Up / Down Decade Counter (dual clock lines)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS193 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LS193 Datasheet HTML 4Page - Renesas Technology Corp HD74LS193 Datasheet HTML 5Page - Renesas Technology Corp HD74LS193 Datasheet HTML 6Page - Renesas Technology Corp HD74LS193 Datasheet HTML 7Page - Renesas Technology Corp HD74LS193 Datasheet HTML 8Page - Renesas Technology Corp HD74LS193 Datasheet HTML 9Page - Renesas Technology Corp HD74LS193 Datasheet HTML 10Page - Renesas Technology Corp HD74LS193 Datasheet HTML 11Page - Renesas Technology Corp HD74LS193 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HD74LS193
Rev.2.00, Feb.18.2005, page 8 of 11
Waveforms 2
ƒ
max, tPLH, tPHL, (Count Down)
Borrow
Outputs
Count
Down
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
tTHL
tw (H)
tw (L)
tTLH
QA
QB
QC
QD
tPHL
tPHL
tPHL
tPHL
tPHL
(Measure before 1 clock of tn + 0)
(Measure
at tn + 0)
(Measure
at tn + 0)
(Measure
at tn + 0)
(Measure
at tn + 0)
(Measure
at tn + 0)
(Measure at tn + 1)
(Measure at tn + 2)
(Measure at tn + 4)
(Measure at tn + 8)
tPLH
tPLH
tPLH
tPLH
tPLH
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
0V
3V
10% 10%
90% 90%
Notes:
1.
Input pulse; tTLH
≤ 7 ns, t
THL
≤ 7 ns, PRR = 1 MHz, duty cycle 50%
2.
for
ƒ
max tTLH , tTHL
≤ 2.5 ns.
3.
tn is reference bit time when all outputs are high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com