Electronic Components Datasheet Search
  English  ▼

X  

HD74LS193 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LS193
Description  Synchronous Up / Down Decade Counter (dual clock lines)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS193 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LS193 Datasheet HTML 4Page - Renesas Technology Corp HD74LS193 Datasheet HTML 5Page - Renesas Technology Corp HD74LS193 Datasheet HTML 6Page - Renesas Technology Corp HD74LS193 Datasheet HTML 7Page - Renesas Technology Corp HD74LS193 Datasheet HTML 8Page - Renesas Technology Corp HD74LS193 Datasheet HTML 9Page - Renesas Technology Corp HD74LS193 Datasheet HTML 10Page - Renesas Technology Corp HD74LS193 Datasheet HTML 11Page - Renesas Technology Corp HD74LS193 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74LS193
Rev.2.00, Feb.18.2005, page 9 of 11
Waveforms 3
tPLH, tPHL, (Load, Clear→Q)
Clear
Data Inputs
(A to D)
Load
Q
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V 1.3V
1.3V
tTHL
tTLH
tTLH
tTLH
tTHL
tTHL
tPHL
tPHL
tsu
th
tsu
tw (CLR)
≥ 20ns
tPLH
VOH
VOL
0V
3V
0V
3V
0V
3V
10%
10%
10%
10%
10%
90%
90%
90%
90%
90%
90%
1.3V
10%
Note:
Input pulse: tTLH
≤ 7 ns, t
THL
≤ 7 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com