Electronic Components Datasheet Search
  English  ▼

X  

STS1DNC45 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS1DNC45
Description  DUAL N-CHANNEL 450V - 4.1ohm - 0.4A SO-8 SuperMESH™ POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1DNC45 Datasheet(HTML) 1 Page - STMicroelectronics

  STS1DNC45 Datasheet HTML 1Page - STMicroelectronics STS1DNC45 Datasheet HTML 2Page - STMicroelectronics STS1DNC45 Datasheet HTML 3Page - STMicroelectronics STS1DNC45 Datasheet HTML 4Page - STMicroelectronics STS1DNC45 Datasheet HTML 5Page - STMicroelectronics STS1DNC45 Datasheet HTML 6Page - STMicroelectronics STS1DNC45 Datasheet HTML 7Page - STMicroelectronics STS1DNC45 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2003
STS1DNC45
DUAL N-CHANNEL 450V - 4.1
Ω -0.4A SO-8
SuperMESH™ POWER MOSFET
(1)ISD ≤ 0.4 A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
s
TYPICAL RDS(on) = 4.1Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
GATE CHARGE MINIMIZED
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
SWITCH MODE LOW POWER SUPPLIES
(SMPS)
s
DC-DC CONVERTERS
s
LOW POWER, LOW COST CFL (COMPACT
FLUORESCENT LAMPS)
s
LOW POWER BATTERY CHARGERS
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STS1DNC45
450 V
< 4.5
Ω
0.4 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
450
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
450
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
Drain Current (continuous) at TC = 100°C
0.40
0.25
A
A
IDM ( )
Drain Current (pulsed)
1.6
A
PTOT
Total Dissipation at TC = 25°C Dual Operation
Total Dissipation at TC = 25°C Single Operation
1.6
2
W
W
dv/dt(1)
Peak Diode Recovery voltage slope
3
V/ns
SO-8
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS1DNC45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS1DN45K3 STMICROELECTRONICS-STS1DN45K3 Datasheet
443Kb / 10P
Low gate input resistance
07-Apr-2010
More results

Similar Description - STS1DNC45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS1HNC60 STMICROELECTRONICS-STS1HNC60 Datasheet
137Kb / 6P
N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh™ II MOSFET
Jul-2001
STS1HNK60 STMICROELECTRONICS-STS1HNK60 Datasheet
303Kb / 8P
N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
Aug-2003
STS1NK60Z STMICROELECTRONICS-STS1NK60Z Datasheet
314Kb / 8P
N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH??Power MOSFET
Jun-2003
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 11P
N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
Jun-2003
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1_06 Datasheet
381Kb / 15P
N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
12-Jul-2006
logo
Taiwan Semiconductor Co...
TSM1N45D TSC-TSM1N45D Datasheet
386Kb / 6P
450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45_10 Datasheet
475Kb / 9P
450V N-Channel Power MOSFET
TSM1N45D TSC-TSM1N45D_12 Datasheet
459Kb / 8P
450V N-Channel Power MOSFET
logo
ON Semiconductor
MMDFS6N303 ONSEMI-MMDFS6N303 Datasheet
252Kb / 11P
N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
MMSF5N02HD ONSEMI-MMSF5N02HD Datasheet
269Kb / 10P
N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com