Electronic Components Datasheet Search
  English  ▼

X  

STS1DNC45 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS1DNC45
Description  DUAL N-CHANNEL 450V - 4.1ohm - 0.4A SO-8 SuperMESH™ POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1DNC45 Datasheet(HTML) 3 Page - STMicroelectronics

  STS1DNC45 Datasheet HTML 1Page - STMicroelectronics STS1DNC45 Datasheet HTML 2Page - STMicroelectronics STS1DNC45 Datasheet HTML 3Page - STMicroelectronics STS1DNC45 Datasheet HTML 4Page - STMicroelectronics STS1DNC45 Datasheet HTML 5Page - STMicroelectronics STS1DNC45 Datasheet HTML 6Page - STMicroelectronics STS1DNC45 Datasheet HTML 7Page - STMicroelectronics STS1DNC45 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STS1DNC45
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD =225 V, ID = 0.5 A
RG = 4.7Ω VGS =10 V
(see test circuit, Figure 3)
6.7
ns
tr
Rise Time
4
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =360 V, ID = 1.5 A,
VGS =10 V
7
1.3
3.2
10
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(off)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD = 360 V, ID = 1.5 A
RG =4.7Ω, VGS =10 V
(see test circuit, Figure 5)
8.5
12
18
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
0.4
A
ISDM (2)
Source-drain Current (pulsed)
1.6
A
VSD (1)
Forward On Voltage
ISD = 0.4 A, VGS =0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 0.4 A, di/dt = 100A/µs,
VDD =100 V, Tj =150°C
(see test circuit, Figure 5)
225
530
4.7
ns
nC
A
Safe Operating Area
Thermal Impedance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com