Electronic Components Datasheet Search
  English  ▼

X  

32C87 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 31Page - Renesas Technology Corp 32C87 Datasheet HTML 32Page - Renesas Technology Corp 32C87 Datasheet HTML 33Page - Renesas Technology Corp 32C87 Datasheet HTML 34Page - Renesas Technology Corp 32C87 Datasheet HTML 35Page - Renesas Technology Corp 32C87 Datasheet HTML 36Page - Renesas Technology Corp 32C87 Datasheet HTML 37Page - Renesas Technology Corp 32C87 Datasheet HTML 38Page - Renesas Technology Corp 32C87 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
4. Special Function Registers (SFRs)
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 35 of 85
Table 4.9
SFR Address Map (9/20)
X: Undefined
Blank spaces are all reserved. No access is allowed.
NOTES:
1.
Values are obtained by setting the SLEEP bit in the C0SLPR register to “1” (sleep mode exited) after reset and supplying a clock to the CAN
module.
2.
The CAN-associated registers (allocated in addresses 01E0h to 02BFh) cannot be used in M32C/87B. In M32C/87A, only CAN0-associated
registers can be used.
3.
Set the PM13 bit in the PM1 register to 1 (2 wait states for SFR area) before accessing the CAN-associated registers.
Address
Register(2)(3)
Symbol
After Reset
01F0h
CAN0 Message Slot Buffer 1 Standard ID0
C0SLOT1_0
XXh
01F1h
CAN0 Message Slot Buffer 1 Standard ID1
C0SLOT1_1
XXh
01F2h
CAN0 Message Slot Buffer 1 Extended ID0
C0SLOT1_2
XXh
01F3h
CAN0 Message Slot Buffer 1 Extended ID1
C0SLOT1_3
XXh
01F4h
CAN0 Message Slot Buffer 1 Extended ID2
C0SLOT1_4
XXh
01F5h
CAN0 Message Slot Buffer 1 Data Length Code
C0SLOT1_5
XXh
01F6h
CAN0 Message Slot Buffer 1 Data 0
C0SLOT1_6
XXh
01F7h
CAN0 Message Slot Buffer 1 Data 1
C0SLOT1_7
XXh
01F8h
CAN0 Message Slot Buffer 1 Data 2
C0SLOT1_8
XXh
01F9h
CAN0 Message Slot Buffer 1 Data 3
C0SLOT1_9
XXh
01FAh
CAN0 Message Slot Buffer 1 Data 4
C0SLOT1_10
XXh
01FBh
CAN0 Message Slot Buffer 1 Data 5
C0SLOT1_11
XXh
01FCh
CAN0 Message Slot Buffer 1 Data 6
C0SLOT1_12
XXh
01FDh
CAN0 Message Slot Buffer 1 Data 7
C0SLOT1_13
XXh
01FEh
CAN0 Message Slot Buffer 1 Time Stamp High-Order
C0SLOT1_14
XXh
01FFh
CAN0 Message Slot Buffer 1 Time Stamp Low-Order
C0SLOT1_15
XXh
0200h
CAN0 Control Register 0
C0CTLR0
XX01 0X01b(1)
0201h
XXXX 0000b(1)
0202h
CAN0 Status Register
C0STR
0000 0000b(1)
0203h
X000 0X01b(1)
0204h
CAN0 Extended ID Register
C0IDR
0000h(1)
0205h
0206h
CAN0 Configuration Register
C0CONR
0000 XXXXb(1)
0207h
0000 0000b(1)
0208h
CAN0 Time Stamp Register
C0TSR
0000h(1)
0209h
020Ah
CAN0 Transmit Error Count Register
C0TEC
00h(1)
020Bh
CAN0 Receive Error Count Register
C0REC
00h(1)
020Ch
CAN0 Slot Interrupt Status Register
C0SISTR
0000h(1)
020Dh
020Eh
020Fh
0210h
CAN0 Slot Interrupt Mask Register
C0SIMKR
0000h(1)
0211h
0212h
0213h
0214h
CAN0 Error Interrupt Mask Register
C0EIMKR
XXXX X000b(1)
0215h
CAN0 Error Interrupt Status Register
C0EISTR
XXXX X000b(1)
0216h
CAN0 Error Source Register
C0EFR
00h(1)
0217h
CAN0 Baud Rate Prescaler
C0BRP
0000 0001b(1)
0218h
0219h
CAN0 Mode Register
C0MDR
XXXX XX00b(1)
021Ah
021Bh
021Ch
021Dh
021Eh
021Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com