Electronic Components Datasheet Search
  English  ▼

X  

32C87 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # 32C87
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C87 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button 32C87 Datasheet HTML 51Page - Renesas Technology Corp 32C87 Datasheet HTML 52Page - Renesas Technology Corp 32C87 Datasheet HTML 53Page - Renesas Technology Corp 32C87 Datasheet HTML 54Page - Renesas Technology Corp 32C87 Datasheet HTML 55Page - Renesas Technology Corp 32C87 Datasheet HTML 56Page - Renesas Technology Corp 32C87 Datasheet HTML 57Page - Renesas Technology Corp 32C87 Datasheet HTML 58Page - Renesas Technology Corp 32C87 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
5. Electrical Characteristics
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 55 of 85
Table 5.10
Flash Memory Electrical Characteristics (VCC1 = 4.5 V to 5.5 V, 3.0 to 3.6 V,
Topr = 0 to 60
°C unless otherwise specified)
NOTE:
1. If erase and program endurance is n times (n = 100), each block can be erased n times. For example, if a 4-
Kbyte block A is erased after programming a word data 2,048 times, each to a different address, this counts as
one erase and program time. Data can not be programmed to the same address more than once without
erasing the block. (rewrite prohibited)
Symbol
Parameter
Measurement Condition
Standard
Unit
Min.
Typ.
Max.
−
Erase and program endurance(1)
100
times
−
Word program time (16 bits) (VCC1 = 5.0 V, Topr = 25
°C)
25
300
μs
−
Lock bit program time
25
300
μs
−
Block erase time
(VCC1 = 5.0 V, Topr = 25
°C)
4-Kbyte block
0.3
4
s
8-Kbyte block
0.3
4
s
32-Kbyte block
0.5
4
s
64-Kbyte block
0.8
4
s
tps
Wait time to stabilize flash memory circuit
15
μs
−
Data hold time (Topr = -40 to 85
°C)
10
years
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com