Electronic Components Datasheet Search
  English  ▼

X  

2SC4995 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC4995
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4995 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC4995 Datasheet HTML 2Page - Renesas Technology Corp 2SC4995 Datasheet HTML 3Page - Renesas Technology Corp 2SC4995 Datasheet HTML 4Page - Renesas Technology Corp 2SC4995 Datasheet HTML 5Page - Renesas Technology Corp 2SC4995 Datasheet HTML 6Page - Renesas Technology Corp 2SC4995 Datasheet HTML 7Page - Renesas Technology Corp 2SC4995 Datasheet HTML 8Page - Renesas Technology Corp 2SC4995 Datasheet HTML 9Page - Renesas Technology Corp 2SC4995 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC4995
Rev.3.00, Apr.05.2004, page 7 of 9
S Parameter
(VCE = 5 V, IC = 5 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.781
–48.2
12.84
148.8
0.0449
64.6
0.866
–28.6
400
0.669
–83.6
10.04
127.3
0.0695
50.3
0.682
–46.9
600
0.591
–109.4
7.84
113.9
0.0815
42.6
0.541
–58.1
800
0.549
–129.1
6.30
104.4
0.0889
39.2
0.446
–65.2
1000
0.524
–145.0
5.23
96.7
0.0937
38.4
0.381
–70.4
1200
0.520
–156.8
4.45
90.7
0.0986
37.7
0.340
–74.6
1400
0.515
–166.9
3.86
86.0
0.103
38.7
0.309
–77.7
1600
0.518
–176.0
3.44
81.1
0.107
40.0
0.287
–81.2
1800
0.523
176.5
3.11
77.3
0.111
41.2
0.268
–85.1
2000
0.537
170.1
2.82
73.5
0.116
42.4
0.256
–89.0
S Parameter
(VCE = 5 V, IC = 20 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.542
–69.9
24.74
128.7
0.0296
55.5
0.631
–52.5
400
0.520
–136.2
15.31
109.4
0.0398
50.2
0.395
–72.9
600
0.516
–156.3
10.81
99.5
0.0470
52.8
0.285
–83.6
800
0.519
–169.1
8.29
93.5
0.0547
55.1
0.225
–91.3
1000
0.525
–179.2
6.70
88.5
0.0624
57.9
0.189
–97.5
1200
0.538
173.6
5.63
84.1
0.0712
60.2
0.166
–102.8
1400
0.540
167.5
4.85
80.9
0.0805
61.5
0.151
–107.9
1600
0.554
161.6
4.29
77.5
0.0895
62.8
0.140
–112.6
1800
0.567
159.5
3.86
74.3
0.0991
63.8
0.134
–118.1
2000
0.580
151.7
3.48
71.6
0.109
64.3
0.129
–122.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com