Electronic Components Datasheet Search
  English  ▼

X  

2SC4995 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC4995
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4995 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC4995 Datasheet HTML 1Page - Renesas Technology Corp 2SC4995 Datasheet HTML 2Page - Renesas Technology Corp 2SC4995 Datasheet HTML 3Page - Renesas Technology Corp 2SC4995 Datasheet HTML 4Page - Renesas Technology Corp 2SC4995 Datasheet HTML 5Page - Renesas Technology Corp 2SC4995 Datasheet HTML 6Page - Renesas Technology Corp 2SC4995 Datasheet HTML 7Page - Renesas Technology Corp 2SC4995 Datasheet HTML 8Page - Renesas Technology Corp 2SC4995 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SC4995
Rev.3.00, Apr.05.2004, page 2 of 9
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
8V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
50
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector to base breakdown voltage V(BR)CBO
15
——V
IC = 10
µA, IE = 0
ICBO
——10
µAVCB = 12 V, IE = 0
Collector cutoff current
ICEO
——1
mA
VCE = 8 V, RBE = ∞
Emitter cutoff current
IEBO
——10
µAVEB = 1.5 V, IC = 0
DC current transfer ratio
hFE
50
120
250
VCE = 5 V, IC = 20 mA
Collector output capacitance
Cob
—
0.55
1.1
pF
VCB = 5 V, IE = 0, f = 1 MHz
Gain bandwidth product
fT
8.0
11.0
—
GHz
VCE = 5 V, IC = 20 mA
S21 Parameter
|S21|
—
16
—
dB
VCE = 5 V, IC = 20 mA,
f = 1000 MHz
Power gain
PG
13.5
16.5
—
dB
VCE = 5 V, IC = 20 mA,
f = 900 MHz
Noise figure
NF
—
1.1
2.0
dB
VCE = 5 V, IC = 5 mA,
f = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com