Electronic Components Datasheet Search
  English  ▼

X  

2SJ181 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SJ181
Description  Silicon P Channel MOS FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ181 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SJ181 Datasheet HTML 1Page - Renesas Technology Corp 2SJ181 Datasheet HTML 2Page - Renesas Technology Corp 2SJ181 Datasheet HTML 3Page - Renesas Technology Corp 2SJ181 Datasheet HTML 4Page - Renesas Technology Corp 2SJ181 Datasheet HTML 5Page - Renesas Technology Corp 2SJ181 Datasheet HTML 6Page - Renesas Technology Corp 2SJ181 Datasheet HTML 7Page - Renesas Technology Corp 2SJ181 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SJ181(L), 2SJ181(S)
Rev.2.00 Sep 07, 2005 page 3 of 7
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–1.0
0
–0.2
–0.4
–0.6
–0.8
0
–10
–20
–30
–40
–50
–0.5
0
–0.1
–0.2
–0.3
–0.4
0
–2–4–6–8
–10
Tc = –25°C
25°C
75°C
40
0
10
20
30
0
50
100
150
200
VDS = –20 V
Pulse Test
–10 V
–4.5 V
–5 V
VGS = –4 V
Pulse Test
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
–3
–1
–0.3
–0.1
–0.01
–0.03
–10
–20
–50 –100 –200
–500 –1000
–10
Ta = 25°C
10
µs
PW
= 10
ms
(1
shot)
DC
Oper
ation
(Tc
= 25°C)
1 ms
100
µs
Operation in
this area is
limited by RDS (on)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–20
0
–4
–8
–12
–16
0
–4
–8
–12
–16
–20
Pulse Test
ID = –0.5 A
–0.1 A
–0.2 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
100
50
10
20
5
–0.1
–0.5
–1
–0.02
–0.2
–2
–0.05
500
200
VGS = –10 V
–15 V
Pulse Test
–6 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com