Electronic Components Datasheet Search
  English  ▼

X  

M34282 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M34282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34282 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M34282 Datasheet HTML 45Page - Renesas Technology Corp M34282 Datasheet HTML 46Page - Renesas Technology Corp M34282 Datasheet HTML 47Page - Renesas Technology Corp M34282 Datasheet HTML 48Page - Renesas Technology Corp M34282 Datasheet HTML 49Page - Renesas Technology Corp M34282 Datasheet HTML 50Page - Renesas Technology Corp M34282 Datasheet HTML 51Page - Renesas Technology Corp M34282 Datasheet HTML 52Page - Renesas Technology Corp M34282 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
Skip condition
Detailed description
Rev.1.33
Mar 18, 2004
page 49 of 67
4282 Group
Sets (1) the contents of bit j (bit specified by the value j in the immediate field) of M(DP).
Clears (0) the contents of bit j (bit specified by the value j in the immediate field) of M(DP).
Skips the next instruction when the contents of bit j (bit specified by the value j in the immediate field)
of M(DP) is “0.”
Skips the next instruction when the contents of register A is equal to the contents of M(DP).
Skips the next instruction when the contents of register A is equal to the value n in the immediate field.
Branch within a page : Branches to address a in the identical page.
Branch out of a page : Branches to address a in page p.
Branch within a page : Branches to address (a6 a5 a4 A3 A2 A1 A0) determined by replacing the low-
order 4 bits of the address a in the identical page with register A.
Branch out of a page : Branches to address (a6 a5 a4 A3 A2 A1 A0) determined by replacing the low-
order 4 bits of the address a in page p with register A.
–
–
–
–
–
–
–
–
–
–
–
(Mj(DP)) = 0
j = 0 to 3
(A) = (M(DP))
(A) = n
n = 0 to 15
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com