Electronic Components Datasheet Search
  English  ▼

X  

M34282 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M34282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34282 Datasheet(HTML) 1 Page - Renesas Technology Corp

  M34282 Datasheet HTML 1Page - Renesas Technology Corp M34282 Datasheet HTML 2Page - Renesas Technology Corp M34282 Datasheet HTML 3Page - Renesas Technology Corp M34282 Datasheet HTML 4Page - Renesas Technology Corp M34282 Datasheet HTML 5Page - Renesas Technology Corp M34282 Datasheet HTML 6Page - Renesas Technology Corp M34282 Datasheet HTML 7Page - Renesas Technology Corp M34282 Datasheet HTML 8Page - Renesas Technology Corp M34282 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
ROM type
Mask ROM
Mask ROM
One Time PROM
Package
20P2E/F-A
20P2E/F-A
20P2E/F-A
RAM size
(
× 4 bits)
48 words
64 words
64 words
PIN CONFIGURATION (TOP VIEW)
ROM (PROM) size
(
× 9 bits)
1024 words
2048 words
2048 words
Part number
M34282M1-XXXGP
M34282M2-XXXGP
M34282E2GP
DESCRIPTION
The 4282 Group enables fabrication of 8
× 7 key matrix and has
the followin timers;
• an 8-bit timer which can be used to set each carrier wave and
has two reload register
• an 8-bit timer which can be used to auto-control and has a
reload register.
FEATURES
• Number of basic instructions ............................................. 68
• Minimum instruction execution time ............................ 8.0
µs
(at f(XIN) = 4.0 MHz, system clock = f(XIN)/8)
• Supply voltage ................................................. 1.8 V to 3.6 V
• Subroutine nesting ..................................................... 4 levels
• Timer
Timer 1 ................................................................... 8-bit timer
(This has a reload register and carrier wave output auto-control
function)
Timer 2 ................................................................... 8-bit timer
(This has two reload registers and carrier wave output function)
• Logic operation function (XOR, OR, AND)
• RAM back-up function
• Key-on wakeup function (ports D4–D7, E0–E2, G0–G3) .... 11
• I/O port (ports D, E, G, CARR) .......................................... 16
• Oscillation circuit ..................................... Ceramic resonance
• Watchdog timer
• Power-on reset circuit
• Voltage drop detection circuit ......................... Typical:1.50 V
(system reset)
APPLICATION
Various remote control transmitters
VSS
2
3
4
5
6
7
8
9
10
1
19
18
17
16
15
14
13
12
11
20
D7
D2
D3
D4
D5
D1
D0
CARR
VDD
D6
E2
G3
G2
E0
E1
XIN
XOUT
G0
G1
Outline 20P2E/F-A
4282 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
REJ03B0084-0133Z
Rev.1.33
2004.03.18
Rev.1.33
Mar 18, 2004
page 1 of 67


Similar Part No. - M34282

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M34282E2GP MITSUBISHI-M34282E2GP Datasheet
627Kb / 70P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282M1 MITSUBISHI-M34282M1 Datasheet
627Kb / 70P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282M1-XXXGP MITSUBISHI-M34282M1-XXXGP Datasheet
627Kb / 70P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282M2-XXXGP MITSUBISHI-M34282M2-XXXGP Datasheet
627Kb / 70P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results

Similar Description - M34282

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
CXP5080 SONY-CXP5080 Datasheet
148Kb / 6P
CMOS 4-bit Single Chip Microcomputer
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com