Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R8C/12
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 5Page - Renesas Technology Corp R8C/12 Datasheet HTML 6Page - Renesas Technology Corp R8C/12 Datasheet HTML 7Page - Renesas Technology Corp R8C/12 Datasheet HTML 8Page - Renesas Technology Corp R8C/12 Datasheet HTML 9Page - Renesas Technology Corp R8C/12 Datasheet HTML 10Page - Renesas Technology Corp R8C/12 Datasheet HTML 11Page - Renesas Technology Corp R8C/12 Datasheet HTML 12Page - Renesas Technology Corp R8C/12 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
R8C/12 Group
3. Memory
Rev.1.20
Jan 27, 2006
page 9 of 25
REJ03B0068-0120
3. Memory
Figure 3.1 is a memory map of this MCU. This MCU provides 1-Mbyte address space from addresses
0000016 to FFFFF16.
The internal ROM (program ROM) is allocated lower addresses beginning with address 0FFFF16. For
example, a 16-Kbyte internal ROM is allocated addresses from 0C00016 to 0FFFF16.
The fixed interrupt vector table is allocated addresses 0FFDC16 to 0FFFF16. They store the starting
address of each interrupt routine.
The internal ROM (data flash) is allocated addresses from 0200016 to 02FFF16.
The internal RAM is allocated higher addresses beginning with address 0040016. For example, a 1-Kbyte
internal RAM is allocated addresses 0040016 to 007FF16. The internal RAM is used not only for storing
data, but for calling subroutines and stacks when interrupt request is acknowledged.
Special function registers (SFR) are allocated addresses 0000016 to 002FF16. The peripheral function
control registers are located them. All addresses, which have nothing allocated within the SFR, are re-
served area and cannot be accessed by users.
Figure 3.1 Memory Map
0000016
0YYYY16
0FFFF16
002FF16
0040016
Internal ROM
(program ROM)
SFR
(See Chapter 4 for details.)
0FFDC16
0FFFF16
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer•Oscillation stop detection
Reset
(Reserved)
Type name
0XXXX16
Internal RAM
FFFFF16
Address 0XXXX16
005FF16
Internal RAM
Size
007FF16
512 bytes
1K bytes
006FF16
768 bytes
Address 0YYYY16
0E00016
Internal ROM
Size
0C00016
8K bytes
16K bytes
0D00016
12K bytes
Expansion area
(Reserved)
R5F21124FP, R5F21124DFP
R5F21123FP, R5F21123DFP
R5F21122FP, R5F21122DFP
0200016
02FFF16
Internal ROM
(data flash)(1)
NOTES:
1. The data flash block A (2K bytes) and block B (2K bytes) are shown.
2. Blank space are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com