Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R8C/12
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 20Page - Renesas Technology Corp R8C/12 Datasheet HTML 21Page - Renesas Technology Corp R8C/12 Datasheet HTML 22Page - Renesas Technology Corp R8C/12 Datasheet HTML 23Page - Renesas Technology Corp R8C/12 Datasheet HTML 24Page - Renesas Technology Corp R8C/12 Datasheet HTML 25Page - Renesas Technology Corp R8C/12 Datasheet HTML 26Page - Renesas Technology Corp R8C/12 Datasheet HTML 27Page - Renesas Technology Corp R8C/12 Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
REVISION HISTORY
R8C/12 Group Datasheet
Rev.
Date
Description
Page
Summary
A-2
1.20 Jan.27.2006
11
Table 4.2 SFR Information(2) NOTES:1 revised
12
Table 4.3 SFR Information(3);
008116: “Prescaler Y”
→ “Prescaler Y Register”
008216: “Timer Y Secondary”
→ “Timer Y Secondary Register”
008316: “Timer Y Primary”
→ “Timer Y Primary Register”
008516: “Prescaler Z”
→ “Prescaler Z Register”
008616: “Timer Z Secondary”
→ “Timer Z Secondary Register”
008716: “Timer Z Primary”
→ “Timer Z Primary Register”
008C16: “Prescaler X”
→ “Prescaler X Register” revised
NOTES:1 revised
13
Table 4.4 SFR Information(4) NOTES:1 revised
14
Table 5.2 Recommended Operating Conditions; NOTES: 1, 2, 3 revised
15
Table 5.3 A/D Conversion Characteristics;
“A/D operation clock frequency”
→ “A/D operating clock frequency” revised
NOTES: 1, 2, 3, 4 revised
16
Table 5.4 Flash Memory (Program ROM) Electrical Characteristics;
“Data retention duration”
→ “Data hold time” revised
“Topr”
→ “Ambient temperature”
NOTES: 1 to 7 added
Measuring condition of byte program time and block erase time deleted
17
Table 5.5 Flash Memory (Data flash Block A, Block B) Electrical characteristics
“Data retention duration”
→ “Data hold time” revised
“Topr”
→ “Ambient temperature”
NOTES: 1, 3 revised, NOTES: 9 added
Measuring condition of byte program time and block erase time deleted
18
Table 5.7 Electrical Characteristics (1) [VCC=5V];
“P10 to P17 Except XOUT”
→ “Except P10 to P17, XOUT” revised
Table 5.8 Electrical Characteristics (2) [VCC=5V];
Measuring condition Stop mode: “Topr = 25 °C” added
NOTES: 1, 2 revised
21
Table 5.14 Electrical Characteristics (3) [VCC=3V]
“P10 to P17 Except XOUT”
→ “Except P10 to P17, XOUT” revised
22
Table 5.15 Electrical Characteristics (4) [VCC=3V];
Measuring condition Stop mode: “Topr = 25 °C” added
NOTES: 1, 2 revised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com