Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R8C/16
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 30Page - Renesas Technology Corp R8C/16 Datasheet HTML 31Page - Renesas Technology Corp R8C/16 Datasheet HTML 32Page - Renesas Technology Corp R8C/16 Datasheet HTML 33Page - Renesas Technology Corp R8C/16 Datasheet HTML 34Page - Renesas Technology Corp R8C/16 Datasheet HTML 35Page - Renesas Technology Corp R8C/16 Datasheet HTML 36Page - Renesas Technology Corp R8C/16 Datasheet HTML 37Page - Renesas Technology Corp R8C/16 Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
A - 1
REVISION HISTORY
R8C/16 Group, R8C/17 Group Datasheet
Rev.
Date
Description
Page
Summary
0.10
Sep 06, 2004
−
First Edition issued
1.00
Feb 25, 2005
2-3
Tables 1.1 and 1.2 revised
5
Table 1.3 and figure 1.2 revised
6
Table 1.4 and figure 1.3 revised
7-8
Figures 1.4 and 1.5 revised
16
Table 4.1 revised:
- 000Fh: 000XXXXXb
→ 00011111b
- 0036h: 00001000b
→ 0000X000b and 01001001b → 0100X001b
18
Tabel 4.3 revised:
- 009Ch: FFh
→ 00h; NOTES2 added
- 009Dh: FFh
→ 00h
21
Table 5.3 revised
22
Tables 5.4 and 5.5 revised
24
Tables 5.8 and 5.9 revised
25
Table 5.11 revised
26
Table 5.12 and figure 5.4 added
27
Table 5.13 revised
28
Table 5.14 revised
29, 33 Table 5.16 and 5.23 revised: Table title “INT2”
→ “INT1”
31
Table 5.20 revised; NOTE revised
32
Table 5.21 revised
35
Package Dimensions revised
1.10
May 26, 2005
5, 6
Tables 1.3 and 1.4 revised
16
Table 4.1 revised:
- 0009h: XXXXXX00b
→ 00h
- 000Ah: 00XXX000b
→ 00h
- 001Eh: XXXXX000b
→ 00h
22
Table 5.5 revised; NOTE revised
26
Fig 5.4 revised
27
Table 5.13 revised
31
Table 5.20 revised
2.00
Jan 30, 2006
1
1. Overview; “20-pin plastic molded LSSOP or SDIP”
→ “20-pin plastic
molded LSSOP” revised
2
Table 1.1 Performance Outline of the R8C/16 Group;
Package:
“20-pin plastic molded SDIP” deleted
3
Table 1.2 Performance Outline of the R8C/17 Group;
Package:
“20-pin plastic molded SDIP” deleted,
Flash Memory:
(Data area)
→ (Data flash)
(Program area)
→ (Program ROM) revised
4
Figure 1.1 Block Diagram;
“Peripheral Function” added,
“System Clock Generation”
→ “System Clock Generator” revised
5, 6
Table 1.3 Product Information of R8C/16 Group,
Table 1.4 Product Information of R8C/17 Group; revised.
Figure 1.2 Part Number, Memory Size and Package of R8C/16 Group,
Figure 1.3 Part Number, Memory Size and Package of R8C/17 Group;
Package type: “DD : PRDP0020BA-A” deleted
REVISION HISTORY
R8C/16 Group, R8C/17 Group Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com