Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R8C/16
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 22Page - Renesas Technology Corp R8C/16 Datasheet HTML 23Page - Renesas Technology Corp R8C/16 Datasheet HTML 24Page - Renesas Technology Corp R8C/16 Datasheet HTML 25Page - Renesas Technology Corp R8C/16 Datasheet HTML 26Page - Renesas Technology Corp R8C/16 Datasheet HTML 27Page - Renesas Technology Corp R8C/16 Datasheet HTML 28Page - Renesas Technology Corp R8C/16 Datasheet HTML 29Page - Renesas Technology Corp R8C/16 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
R8C/16 Group, R8C/17 Group
5. Electrical Characteristics
Rev.2.00
Jan 30, 2006
Page 26 of 35
REJ03B0101-0200
NOTES:
1.
VCC = AVCC = 2.7 to 5.5V, VSS = 0V and Topr = -20 to 85
°C / -40 to 85 °C, unless otherwise specified.
2.
1tCYC=1/f1(s)
Figure 5.4
I/O Timing of I2C bus Interface (IIC)
Table 5.12
Timing Requirements of I2C bus Interface (IIC) (1)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
tSCL
SCL Input Cycle Time
12tCYC+
600(2)
−−
ns
tSCLH
SCL Input “H” Width
3tCYC+
300(2)
−−
ns
tSCLL
SCL Input “L” Width
5tCYC+
300(2)
−−
ns
tsf
SCL, SDA Input Fall Time
−−
300
ns
tSP
SCL, SDA Input Spike Pulse Rejection Time
−−
1tCYC(2)
ns
tBUF
SDA Input Bus-Free Time
5tCYC(2)
−−
ns
tSTAH
Start Condition Input Hold Time
3tCYC(2)
−−
ns
tSTAS
Retransmit Start Condition Input SetUp Time
3tCYC(2)
−−
ns
tSTOS
Stop Condition Input SetUp Time
3tCYC(2)
−−
ns
tSDAS
Data Input SetUp Time
1tCYC+20(2)
−−
ns
tSDAH
Data Input Hold Time
0
−−
ns
SDA
tSTAH
tSCLL
tBUF
VIH
VIL
tSCLH
SCL
tsf
tSDAH
tSCL
tSTAS
tSP
tSTOS
tSDAS
P(2)
S(1)
Sr(3)
P(2)
NOTES:
1. Start condition
2. Stop condition
3. Retransmit “start” condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com