Electronic Components Datasheet Search
  English  ▼

X  

M38264EBGP Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # M38264EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38264EBGP Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button M38264EBGP Datasheet HTML 46Page - Renesas Technology Corp M38264EBGP Datasheet HTML 47Page - Renesas Technology Corp M38264EBGP Datasheet HTML 48Page - Renesas Technology Corp M38264EBGP Datasheet HTML 49Page - Renesas Technology Corp M38264EBGP Datasheet HTML 50Page - Renesas Technology Corp M38264EBGP Datasheet HTML 51Page - Renesas Technology Corp M38264EBGP Datasheet HTML 52Page - Renesas Technology Corp M38264EBGP Datasheet HTML 53Page - Renesas Technology Corp M38264EBGP Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 50 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Watchdog Timer
The watchdog timer gives a mean of returning to the reset status
when a program cannot run on a normal loop (for example, be-
cause of a software runaway).
The watchdog timer consists of an 8-bit watchdog timer L and a 6-
bit watchdog timer H. At reset or writing to the watchdog timer
control register (address 003716), the watchdog timer is set to
“3FFF16”. When any data is not written to the watchdog timer con-
trol register (address 003716) after reset, the watchdog timer is
stopped. The watchdog timer starts to count down from “3FFF16”
by writing to the watchdog timer control register and an internal re-
set occurs at an underflow. Accordingly, when using the watchdog
timer function, write the watchdog timer control register before an
underflow. The watchdog timer does not function when writing to
the watchdog timer control register has not been done after reset.
When not using the watchdog timer, do not write to it. When the
watchdog timer control register is read, the following values are
read:
● value of high-order 6-bit counter
● value of STP instruction disable bit
● value of count source selection bit.
When the STP instruction disable bit is “0”, the STP instruction is
enabled. The STP instruction is disabled when this bit is set to “1”.
If the STP instruction which is disabled is executed, it is processed
as an undefined instruction, so that a reset occurs internally.
This bit can be set to “1” but cannot be set to “0” by program. This
bit is “0” after reset.
When the watchdog timer H count source selection bit is “0”, the
detection time is set to 8.19 s at f(XCIN) = 32 kHz and 32.768 ms
at f(XIN) = 8 MHz.
When the watchdog timer H count source selection bit is “0”, the
detection time is set to 32 ms at f(XCIN) = 32 kHz and 128 µs at
f(XIN) = 8 MHz. There is no difference in the detection time be-
tween the middle-speed mode and the high-speed mode.
Fig. 52 Block diagram of watchdog timer
Fig. 53 Structure of watchdog timer control register
Fig. 54 Timing of reset output
XIN
Data bus
XCIN
“1”
“0”
Internal
system clock
selection bit
(Note)
“0”
“1”
1/16
Watchdog timer H count
source selection bit
Reset circuit
Undefined instruction
Reset
“3F16” is set when
watchdog timer is
written to.
Internal reset
RESET
Reset release time wait
“FF16” is set when
watchdog timer is
written to.
STP instruction
STP instruction disable bit
Watchdog timer
H (6)
Watchdog timer
L (8)
Note: This is the bit 7 of CPU mode register and is used to switch the middle-/high-speed mode and low-speed mode.
b7
b0
Watchdog timer register
(WDTCON: address 003716)
STP instruction disable bit
0 : STP instruction enabled
1 : STP instruction disabled
Watchdog timer H count source selecion bit
0 : Watchdog timer L underflow
1 : f(XIN)/16 or f(XCIN)/16
Watchdog timer H (for read-out of high-order 6 bit)
“3FFF16” is set to the watchdog timer by writing values to this address.
Internal
reset signal
Watchdog timer
detection
Approx. 1 ms (f(XIN) = 8 MHZ)
f(XIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com