Electronic Components Datasheet Search
  English  ▼

X  

M38264EBGP Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M38264EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38264EBGP Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M38264EBGP Datasheet HTML 60Page - Renesas Technology Corp M38264EBGP Datasheet HTML 61Page - Renesas Technology Corp M38264EBGP Datasheet HTML 62Page - Renesas Technology Corp M38264EBGP Datasheet HTML 63Page - Renesas Technology Corp M38264EBGP Datasheet HTML 64Page - Renesas Technology Corp M38264EBGP Datasheet HTML 65Page - Renesas Technology Corp M38264EBGP Datasheet HTML 66Page - Renesas Technology Corp M38264EBGP Datasheet HTML 67Page - Renesas Technology Corp M38264EBGP Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 64 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Table 20 Electrical characteristics (2)
(VCC =2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
V
5.5
• High-speed mode, VCC = 5 V
f(XIN) = 8 MHz
f(XCIN) = 32.768 kHz
Output transistors “off”
A/D converter in operating
• High-speed mode, VCC = 5 V
f(XIN) = 8 MHz (in WIT state)
f(XCIN) = 32.768 kHz
Output transistors “off”
A/D converter stop
• Low-speed mode, VCC = 5 V, Ta ≤ 55°C
f(XIN) = stopped
f(XCIN) = 32.768 kHz
Output transistors “off”
• Low-speed mode, VCC = 5 V, Ta = 25°C
f(XIN) = stopped
f(XCIN) = 32.768 kHz (in WIT state)
Output transistors “off”
• Low-speed mode, VCC = 3 V, Ta ≤ 55°C
f(XIN) = stopped
f(XCIN) = 32.768 kHz
Output transistors “off”
• Low-speed mode, VCC = 3 V, Ta = 25°C
f(XIN) = stopped
f(XCIN) = 32.768 kHz (in WIT state)
Output transistors “off”
All oscillation stopped
(in STP state)
Output transistors “off”
Symbol
Parameter
Limits
Min.
Unit
Typ.
Max.
Ta = 25 °C
Ta = 85 °C
Test conditions
ICC
Power source current
6.4
VRAM
RAM retention voltage
At clock stop mode
2.0
When using voltage multiplier
VL1 = 1.8 V
VL1
IL1
Power source voltage
Power source current
(VL1)
(Note)
Note: When the voltage multiplier control bit of the LCD mode register (bit 4 at address 003916) is “1”.
1.3
1.6
35
20
15
4.5
0.1
1.8
4.0
3.2
70
40
22
9.0
1.0
10
2.3
mA
µA
µA
µA
µA
µA
V
mA
13
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com