Electronic Components Datasheet Search
  English  ▼

X  

M38267EBGP Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # M38267EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38267EBGP Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button M38267EBGP Datasheet HTML 39Page - Renesas Technology Corp M38267EBGP Datasheet HTML 40Page - Renesas Technology Corp M38267EBGP Datasheet HTML 41Page - Renesas Technology Corp M38267EBGP Datasheet HTML 42Page - Renesas Technology Corp M38267EBGP Datasheet HTML 43Page - Renesas Technology Corp M38267EBGP Datasheet HTML 44Page - Renesas Technology Corp M38267EBGP Datasheet HTML 45Page - Renesas Technology Corp M38267EBGP Datasheet HTML 46Page - Renesas Technology Corp M38267EBGP Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 43 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
CTCSS Function
(Continuous Tone-Controlled Squelch
System)
The CTCSS function is used to generate the sine wave of single
frequency automatically. The CTCSS output waveform can be out-
put from DA2 pin. CTCSS waveform is outputted by setting “1” to
the CTCSS/DA2 output enable bit (bit 1 of address 003616), and
setting “1” to the CTCSS/DA2 selection bit (bit 3 of address
003616). In order to set the frequency of CTCSS output, value is
written in the CTCSS timer. The CTCSS timer consists of a 10-bit
timer. When writing a value to the CTCSS timer, write the low-or-
der byte first.
Rating frequency (Hz)
67.0
77.0
88.5
100.0
107.2
114.8
123.0
131.8
141.3
151.4
162.2
173.8
186.2
203.5
218.1
233.6
250.3
n (Timer value)
465
405
352
312
291
271
253
236
220
205
192
179
167
153
142
133
124
Error frequency (Hz)
0.06
–0.03
0.027
–0.16
–0.18
0.09
0.03
0.06
0.10
0.30
–0.28
–0.19
–0.19
–0.58
0.43
–0.39
–0.30
Deviation (%)
0.089
–0.038
0.030
–0.160
–0.167
0.078
0.026
0.043
0.073
0.198
–0.174
–0.109
–0.101
–0.284
0.198
–0.167
–0.120
Output frequency (Hz)]
67.06
76.97
88.53
99.84
107.02
114.89
123.03
131.86
141.40
151.70
161.92
173.61
186.01
202.92
218.53
233.20
250.00
Table 10 Example of frequency accuracy (at f(XIN) = 4 MHz)
f (XIN)/2
(n+1) ✕ 64
Vcc
2
When reading a value from the CTCSS timer, read the high-order
byte first. By the value written in the CTCSS timer is n, the sine
wave of the following frequency is generated.
f =
(Hz)
Set “00616” or more to the CTCSS timer. “0016” is automatically
set to the high-order of the CTCSS timer and “0616” is automati-
cally set to the low-order of the CTCSS timer after reset release.
The amplitude of CTCSS output is obtained by the following for-
mula.
C =
If the D/A2 conversion register is read when the CTCSS function
is selected, the digital value of CTCSS output can be read.
Table 10 shows the example of frequency accuracy (at f(XIN) = 4
MHz).
Fig. 45 Equivalent connection circuit of D/A converter
AVSS
VREF
“0”
“1”
MSB
“0”
“1”
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
2R
LSB
2R
DAi
DAi conversion register
DAi output enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com