Electronic Components Datasheet Search
  English  ▼

X  

M38267EBGP Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # M38267EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38267EBGP Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button M38267EBGP Datasheet HTML 47Page - Renesas Technology Corp M38267EBGP Datasheet HTML 48Page - Renesas Technology Corp M38267EBGP Datasheet HTML 49Page - Renesas Technology Corp M38267EBGP Datasheet HTML 50Page - Renesas Technology Corp M38267EBGP Datasheet HTML 51Page - Renesas Technology Corp M38267EBGP Datasheet HTML 52Page - Renesas Technology Corp M38267EBGP Datasheet HTML 53Page - Renesas Technology Corp M38267EBGP Datasheet HTML 54Page - Renesas Technology Corp M38267EBGP Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 51 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
TOUT/φ OUTPUT FUNCTION
The system clock φ or timer 2 divided by 2 (TOUT output) can be
output from port P43 by setting the TOUT/φ output enable bit of the
timer 123 mode register and the TOUT/φ output control register.
Set the P43/φ/TOUT pin to output mode (set “1” to bit 3 of port P4
direction register) when outputting TOUT/φ.
Fig. 55 Structure of TOUT/φ
φφ
φ
φ output-related registers
TOUT/φ output control bit
0 : System clock φ output
1 : TOUT output
Not used (“0” at reading)
TOUT/φ output control register
(CKOUT : address 002A16)
b7
b0
Timer 123 mode register
(T123M : address 002916)
TOUT output active edge switch bit
0 : Start at “H” output
1 : Start at “L” output
TOUT/φ output enable bit
0 : TOUT/φ output disabled
1 : TOUT/φ output enabled
Timer 2 write control bit
0 : Write data in latch and timer
1 : Write data in latch only
Timer 2 count source selection bit
0 : Timer 1 output
1 : f(XIN)/16
(or f(XCIN)/16 in low-speed mode)
Timer 3 count source selection bit
0 : Timer 1 output
1 : f(XIN)/16
(or f(XCIN)/16 in low-speed mode)
Timer 1 count source selection bit
0 : f(XIN)/16
(or f(XCIN)/16 in low-speed mode)
1 : f(XCIN)
Not used (“0” at reading)
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com