Electronic Components Datasheet Search
  English  ▼

X  

M38268EBGP Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # M38268EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38268EBGP Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button M38268EBGP Datasheet HTML 76Page - Renesas Technology Corp M38268EBGP Datasheet HTML 77Page - Renesas Technology Corp M38268EBGP Datasheet HTML 78Page - Renesas Technology Corp M38268EBGP Datasheet HTML 79Page - Renesas Technology Corp M38268EBGP Datasheet HTML 80Page - Renesas Technology Corp M38268EBGP Datasheet HTML 81Page - Renesas Technology Corp M38268EBGP Datasheet HTML 82Page - Renesas Technology Corp M38268EBGP Datasheet HTML 83Page - Renesas Technology Corp M38268EBGP Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 80 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
(5)
Pin state after transmit completion
The TxD pin holds the state of the last bit of the transmission after transmission completion. When
the internal clock is selected for the transmit clock in the clock synchronous serial I/O mode, the
SCLK1 pin holds “H”.
(6)
Serial I/O1 enable bit during transmit operation
When the serial I/O1 enable bit (bit 7 of serial I/O1 control register) is set to “0” (serial I/O1
disabled) when data transmission is in progress, the transmission progress internally. However,
the external data transfer is terminated because the pins become regular I/O ports. In addition to
this, when data is written to the transmission buffer register, data transmission is started internally.
When the serial I/O1 enable bit is set to “1”, the transmission is output to the TxD pin in the middle
of the transfer.
(7)
Transmission control when external clock is selected
When an external clock is used as the synchronous clock for data transmission, set the transmit
enable bit to “1” at “H” of the SCLK1 input level. Also, write the transmit data to the transmit buffer
register at “H” of the SCLK1 input level.
(8)
Receive operation in clock synchronous serial I/O mode
When receiving data in the clock synchronous serial I/O mode, set not only the receive enable bit
but also the transmit enable bit to “1”. Then write dummy data to the transmission buffer register.
When the internal clock is selected as the synchronous clock, the synchronous clock is output at
this point and the receive operation is started. When the external clock is selected as the transfer
clock, the serial I/O becomes ready for data receive at this point and, when the external clock is
input to the clock input pin, the receive operation is started. The P45/TxD pin outputs the dummy
data written in the transmission buffer register.
(9)
Transmit and receive operation in clock synchronous serial I/O mode
When stopping transmitting and receiving operations in the clock synchronous serial I/O mode, set
the receive enable bit and the transmit enable bit to “0” simultaneously. If only one of them is
stopped the receive or transmit operation may loose synchronization, causing a bit slippage.
3.3.7 Notes on serial I/O2
(1)
Switching synchronous clock
When switching the synchronous clock by the serial I/O2 synchronous clock selection bit (bit 6 of
serial I/O2 control register (address 1D16)), initialize the serial I/O2 counter (write data to serial I/
O2 register (address 1F16)).
(2)
Notes when selecting external clock
When an external clock is selected as the synchronous clock, the SOUT2 pin holds the output level
of D7 after transmission is completed. However, if the clock is input to the serial I/O continuously,
the serial I/O2 register continue the shift operation and output data from the SOUT2 pin continuously.
A write operation to the serial I/O2 register must be performed when the SCLK21 pin is “H”.
When the internal clock is selected as the synchronous clock, the SOUT2 pin holds the high-
impedance state after transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com