Electronic Components Datasheet Search
  English  ▼

X  

M38268EBGP Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # M38268EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38268EBGP Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button M38268EBGP Datasheet HTML 77Page - Renesas Technology Corp M38268EBGP Datasheet HTML 78Page - Renesas Technology Corp M38268EBGP Datasheet HTML 79Page - Renesas Technology Corp M38268EBGP Datasheet HTML 80Page - Renesas Technology Corp M38268EBGP Datasheet HTML 81Page - Renesas Technology Corp M38268EBGP Datasheet HTML 82Page - Renesas Technology Corp M38268EBGP Datasheet HTML 83Page - Renesas Technology Corp M38268EBGP Datasheet HTML 84Page - Renesas Technology Corp M38268EBGP Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 81 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
3.3.8 Notes on PWM output circuit
●“L” level output before starting PWM output
When at least one of two is set to “1” when both the PWM0 function enable bit and the PWM1 function
enable bit are “0”, “L” level is output from the corresponding PWM pin during the period shown below.
Then, PWM output is started from “H” level.
•Count source selection bit = “0”, where n is the value set in the prescaler
sec.
•Count source selection bit = “1”, where n is the value set in the prescaler
sec.
n + 1
2 • f(XIN)
n + 1
f(XIN)
●Change of PWM output
When the PWM prescaler and the PWM register are changed during PWM output, the PWM waveforms
corresponding to updated data will be output from the next repetitive cycle. Figure 3.3.8 shows the
change of PWM output.
Fig. 3.3.8 Change of PWM output
PWM output
Changes PWM prescaler
and PWM register
From the next repetitive cycle,
output modified waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com