Electronic Components Datasheet Search
  English  ▼

X  

STSJ3NM50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSJ3NM50
Description  N-CHANNEL 500V - 2.5ohm - 3A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSJ3NM50 Datasheet(HTML) 1 Page - STMicroelectronics

  STSJ3NM50 Datasheet HTML 1Page - STMicroelectronics STSJ3NM50 Datasheet HTML 2Page - STMicroelectronics STSJ3NM50 Datasheet HTML 3Page - STMicroelectronics STSJ3NM50 Datasheet HTML 4Page - STMicroelectronics STSJ3NM50 Datasheet HTML 5Page - STMicroelectronics STSJ3NM50 Datasheet HTML 6Page - STMicroelectronics STSJ3NM50 Datasheet HTML 7Page - STMicroelectronics STSJ3NM50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
August 2002
STSJ3NM50
N-CHANNEL 500V - 2.5
Ω - 3A PowerSO-8
Zener-Protected MDmesh™ POWER MOSFET
s
TYPICAL RDS(on) = 2.5 Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
IMPROVED ESD CAPABILITY
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
s
LOW GATE INPUT RESISTANCE
s
TIGHT PROCESS CONTROL AND HIGH
MANUFACTORING YIELDS
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizontal
layout. The resulting product has an outstanding low
on-resistance, impressively high dv/dt and excellent
avalanche characteristics. The adoption of the
Company’s proprietary strip technique yields overall
dynamic performance that is significantly better than
that of similar completition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increase
the power density of high voltage converters allow-
ing system miniaturization and higher efficiencies.
ABSOLUTE MAXIMUM RATINGS
TYPE
VDSS
RDS(on)
ID
STSJ3NM50
500 V
< 3
Ω
3 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
Drain Current (continuous) at TA = 25°C (1)
Drain Current (continuous) at TC = 100°C
3
0.63
1.89
A
A
A
IDM (2)
Drain Current (pulsed)
12
A
PTOT
PTOT
Total Dissipation at TC = 25°C
Total Dissipation at TA = 25°C (1)
70
3
W
W
Derating Factor (1)
0.02
W/°C
dv/dt (3)
Peak Diode Recovery voltage slope
15
V/ns
Tstg
Storage Temperature
– 65 to 150
°C
Tj
Max. Operating Junction Temperature
PowerSO-8
INTERNAL SCHEMATIC DIAGRAM
DRAIN CONTACT ALSO ON THE BACKSIDE


Similar Part No. - STSJ3NM50

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STSJ3NM50 VBSEMI-STSJ3NM50 Datasheet
562Kb / 10P
Power MOSFET
More results

Similar Description - STSJ3NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
May-1998
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Apr-2003
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
N-CHANNEL 500V - 0.045Ω - 70A ISOTOP Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STSJ2NM60 STMICROELECTRONICS-STSJ2NM60 Datasheet
223Kb / 8P
N-CHANNEL 600V - 2.8ohm - 2A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
Aug-2002
STW26NM50 STMICROELECTRONICS-STW26NM50 Datasheet
234Kb / 9P
N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh™ Power MOSFET
24-Jun-2004
STY60NM50 STMICROELECTRONICS-STY60NM50 Datasheet
263Kb / 8P
N-CHANNEL 500V - 0.045ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
Aug-2002
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
Mar-2003
logo
Unisonic Technologies
3N50_1109 UTC-3N50_1109 Datasheet
181Kb / 6P
3A, 500V N-CHANNEL POWER MOSFET
3N50Z UTC-3N50Z Datasheet
178Kb / 6P
3A, 500V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com