Electronic Components Datasheet Search
  English  ▼

X  

M38263ECGP Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # M38263ECGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38263ECGP Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button M38263ECGP Datasheet HTML 63Page - Renesas Technology Corp M38263ECGP Datasheet HTML 64Page - Renesas Technology Corp M38263ECGP Datasheet HTML 65Page - Renesas Technology Corp M38263ECGP Datasheet HTML 66Page - Renesas Technology Corp M38263ECGP Datasheet HTML 67Page - Renesas Technology Corp M38263ECGP Datasheet HTML 68Page - Renesas Technology Corp M38263ECGP Datasheet HTML 69Page - Renesas Technology Corp M38263ECGP Datasheet HTML 70Page - Renesas Technology Corp M38263ECGP Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 67 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
SWITCHING CHARACTERISTICS
Table 26 Switching characteristics 1
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Notes1: When the P45/TXD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
2: XOUT and XCOUT pins are excluded.
Serial I/O1 clock output “H” pulse width
Serial I/O1 clock output “L” pulse width
Serial I/O1 output delay time (Note 1)
Serial I/O1 output valid time (Note 1)
Serial I/O1 clock output rising time
Serial I/O1 clock output falling time
Serial I/O2 clock output “H” pulse width
Serial I/O2 clock output “L” pulse width
Serial I/O2 output delay time
Serial I/O2 output valid time
Serial I/O2 clock output falling time
CMOS output rising time (Note 2)
CMOS output falling time (Note 2)
140
30
30
0.2 ✕ tC (SCLK2)
40
30
30
Symbol
Parameter
Limits
Min.
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Unit
tC (SCLK1)/2–30
tC (SCLK1)/2–30
–30
10
10
Typ.
Max.
twH(SCLK1)
twL(SCLK1)
td(SCLK1–TXD)
tv(SCLK1–TXD)
tr(SCLK1)
tf(SCLK1)
twH(SCLK2)
twL(SCLK2)
td(SCLK2–SOUT2)
tv(SCLK2–SOUT2)
tf(SCLK2)
tr(CMOS)
tf(CMOS)
Table 27 Switching characteristics 2
(VCC = 2.5 to 4.0 V, VSS = 0 V, Ta = –20 to 85°C, unless otherwise noted)
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Unit
Notes1: When the P45/TXD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
2: XOUT and XCOUT pins are excluded.
Serial I/O1 clock output “H” pulse width
Serial I/O1 clock output “L” pulse width
Serial I/O1 output delay time (Note 1)
Serial I/O1 output valid time (Note 1)
Serial I/O1 clock output rising time
Serial I/O1 clock output falling time
Serial I/O2 clock output “H” pulse width
Serial I/O2 clock output “L” pulse width
Serial I/O2 output delay time
Serial I/O2 output valid time
Serial I/O2 clock output falling time
CMOS output rising time (Note 2)
CMOS output falling time (Note 2)
350
50
50
0.2 ✕ tC (SCLK2)
50
50
50
Symbol
Parameter
Limits
Min.
tC (SCLK1)/2–50
tC (SCLK1)/2–50
–30
20
20
Max.
twH(SCLK1)
twL(SCLK1)
td(SCLK1–TXD)
tv(SCLK1–TXD)
tr(SCLK1)
tf(SCLK1)
twH(SCLK2)
twL(SCLK2)
td(SCLK2–SOUT2)
tv(SCLK2–SOUT2)
tf(SCLK2)
tr(CMOS)
tf(CMOS)
Typ.
tC (SCLK2)/2–160
tC (SCLK2)/2–160
0
tC (SCLK2)/2–240
tC (SCLK2)/2–240
0
Fig. 69 Circuit for measuring output switching characteristics
Measurement output pin
100 pF
CMOS output
Note: When P71–P77, P40 and bit 4 of the UART control
register (address 001B16) is “1” (N-channel open-
drain output mode).
N-channel open-drain output (Note)
1 kΩ
100 pF
Measurement output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com