Electronic Components Datasheet Search
  English  ▼

X  

M38263ECGP Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # M38263ECGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38263ECGP Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button M38263ECGP Datasheet HTML 80Page - Renesas Technology Corp M38263ECGP Datasheet HTML 81Page - Renesas Technology Corp M38263ECGP Datasheet HTML 82Page - Renesas Technology Corp M38263ECGP Datasheet HTML 83Page - Renesas Technology Corp M38263ECGP Datasheet HTML 84Page - Renesas Technology Corp M38263ECGP Datasheet HTML 85Page - Renesas Technology Corp M38263ECGP Datasheet HTML 86Page - Renesas Technology Corp M38263ECGP Datasheet HTML 87Page - Renesas Technology Corp M38263ECGP Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 84 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
3.3.11 Notes on LCD drive control circuit
(1)
Count source for LCDCK
The LCDCK count source selection bit (bit 7 of LCD mode register (address 3916)) is set to “0”
after reset, selecting f(XCIN)/32. The sub clock has stopped after reset. Therefore, turn on LCD
after starting the oscillation and stabilizing the oscillation. Select the LCDCK count source after the
corresponding clock source becomes stable.
(2)
STP instruction
When executing the STP instruction, execute the STP instruction after setting the LCD enable bit
to “0”. If the STP instruction is executed during LCD lighting, direct-current voltage will be applied
to the LCD panel.
(3)
When not using LCD
When not using an LCD, leave the LCD segment and common pins open. Connect the VL1 pin to
Vss, and the VL2 and VL3 pins to Vcc.
(4)
Using voltage multiplier circuit
When using the voltage multiplier, apply the limit voltage or less to the VL1 pin, then set the voltage
multiplier control bit to “1” (enabled). If above the limit voltage is applied to the VL1 pin, current
may flow in the voltage multiplier circuit at the time of the voltage multiplier circuit operation start.
For the limit value, refer to “Electrical characteristics”.
When not using the voltage multiplier, set the LCD output enable bit to “1”, then apply proper
voltage to the LCD power input pins (VL1–VL3).
When the LCD output enable bit is set to “0” (disabled), the Vcc voltage is applied to the VL3 pin
inside of this microcomputer.
(5)
LCD drive power supply
Power supply capacitor may be insufficient with the division resistance for LCD power supply, and
the characteristic of the LCD panel. In this case, there is the method of connecting the bypass
capacitor about 0.1–0.33 µF to VL1–VL3 pins. The example of a strengthening measure of the LCD
drive power supply is shown in Figure 3.3.9.
Fig. 3.3.9 Strengthening measure example of LCD drive power supply
VL3
VL2
VL1
•Connect by the shortest possible wiring.
•Connect the bypass capacitor to the VL1–VL3 pins
as short as possible.
(Referential value: 0.1–0.33 µF)
3826 group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com