| Electronic Components Datasheet Search |
|
M3826AE7FS Datasheet(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M3826AE7FS Datasheet(HTML) 77 Page - Renesas Technology Corp |
|
77 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 77 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) 3.3.5 Notes on timer This clause describes notes for the various operation modes of Timer X, Timer Y, Timer 1, Timer 2, and Timer 3. (1) Timer X ■For all modes ◆When reading and writing to the timer X high-order and low-order registers, be sure to read/write both the timer X high- and low-order registers. When reading the timer X high-order and low-order registers, read the high-order register first. When writing to the timer X high-order and low-order registers, write the low-order register first. The timer X cannot perform the correct operation if the next operation is performed. •Write operation to the high- or low-order register before reading the timer X low-order register •Read operation from the high- or low-order register before writing to the timer X high-order register ◆When the operation “writing data only to the latch” is selected by the timer X write control bit (bit 0 of timer X mode register (address 2716)) is selected, a value is simultaneously set to the timer X and the timer X latch if the writing in the high-order register and the underflow of timer X are performed at the same timing. Unexpected value may be set in the high-order timer on this occasion. ■Pulse output mode ◆When reading port P54 (bit 4 of port P5 register (address 0A16)) in the pulse output mode, the pin state is read instead of the contents of the port latch. ■Real time port function ◆After reset is released, the port P5 direction register is set as the input mode and ports P50–P57 functions as regular ports. To use as the RTP function pin, set the corresponding bit of the port P5 direction register to the output mode. ■CNTR0 active edge selection ◆The CNTR0 active edge selection bit (bit 6 of timer X mode register) also effects the active edge of the generation of the CNTR0 interrupt request. (2) Timer Y ■For all modes ◆When reading and writing to the timer Y high-order and low-order registers, be sure to read/write both the timer Y high- and low-order registers. When reading the timer Y high-order and low-order registers, read the high-order register first. When writing to the timer Y high-order and low-order registers, write the low-order register first. The timer Y cannot perform the correct operation if the next operation is performed. •Write operation to the high- or low-order register before reading the timer Y low-order register •Read operation from the high- or low-order register before writing to the timer Y high-order register ■CNTR1 active edge selection ◆The CNTR1 active edge selection bit (bit 6 of timer Y mode register (address 2816)) also effects the active edge of the generation of the CNTR1 interrupt request. However, both edges are valid for the request generation regardless of the bit state in the continuous HL pulse-width measurement mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |