| Electronic Components Datasheet Search |
|
M3826AE7FS Datasheet(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M3826AE7FS Datasheet(HTML) 16 Page - Renesas Technology Corp |
|
16 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 16 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) PWM output DA2 output CTCSS output A/D external trigger input DA1 output DTMF input Diagram No. Related SFRs Input/Output Name Pin Non-Port Function I/O Format Table 6 List of I/O port function (1) P00/SEG26– P07/SEG33 P10/SEG34– P15/SEG39 P16 , P17 P20–P27 P30/SEG18– P37/SEG25 P40 P41/INT1, P42/INT2 P43/φ/TOUT P44/RXD, P45/TXD, P46/SCLK1, P47/SRDY1 P50/PWM0, P51/PWM1 P52/RTP0, P53/RTP1 P54/CNTR0 P55/CNTR1 P56/DA1 P57/ADT/ DA2 Port P0 Port P1 Port P2 Port P3 Port P4 Port P5 Input/output, byte unit Input/output, 6-bit unit Input/output, individual bits Input/output, individual bits Output Input/output, individual bits Input/output, individual bits CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS 3-state output CMOS 3-state output CMOS compatible input level N-channel open-drain output CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS 3-state output LCD segment output LCD segment output Key input (key-on wake-up) interrupt input LCD segment output INTi interrupt input Timer 2 output System clock φ output Serial I/O1 I/O Real time port output Timer X I/O Timer Y input PULL register A Segment output enable register PULL register A Segment output enable register PULL register A PULL register A Interrupt control register 2 Key input control register Segment output enable register Interrupt edge selection register PULL register B Timer 123 mode register TOUT/φ output control register PULL register B Serial I/O1 control register Serial I/O1 status register UART control register PULL register B PWM control register PULL register B Timer X mode register PULL register B Timer X mode register PULL register B Timer Y mode register PULL register B DA control register PULL register B DA control register AD control register (1) (2) (1) (2) (4) (3) (13) (4) (12) (5) (6) (7) (8) (10) (9) (11) (14) (15) (15) Port P3 output control register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |