Electronic Components Datasheet Search
  English  ▼

X  

STTA2512P Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA2512P
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA2512P Datasheet(HTML) 1 Page - STMicroelectronics

  STTA2512P Datasheet HTML 1Page - STMicroelectronics STTA2512P Datasheet HTML 2Page - STMicroelectronics STTA2512P Datasheet HTML 3Page - STMicroelectronics STTA2512P Datasheet HTML 4Page - STMicroelectronics STTA2512P Datasheet HTML 5Page - STMicroelectronics STTA2512P Datasheet HTML 6Page - STMicroelectronics STTA2512P Datasheet HTML 7Page - STMicroelectronics STTA2512P Datasheet HTML 8Page - STMicroelectronics STTA2512P Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ISOTOP and TURBOSWITCH are trademarks of STMicroelectronics.
November 1999 - Ed: 4B
ULTRA-FAST, SOFT RECOVERY.
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR.
HIGH FREQUENCY AND/OR HIGH PULSED
CURRENT OPERATION.
HIGH REVERSE VOLTAGE CAPABILITY.
LOW INDUCTANCE PACKAGE < 5 nH.
INSULATED PACKAGE : ISOTOP
TM
Electrical insulation : 2500VRMS
Capacitance : < 45pF.
FEATURES AND BENEFITS
TURBOSWITCH 1200V drastically cuts losses in
all high voltage operationswhich require extremely
fast, soft and noise-free power diodes. Due to their
optimized switching performances they also highly
decrease power
losses
in
any
associated
switching IGBT or MOSFET in all freewheel mode
operations.
They are particularly suitable in Motor Control
circuitries, or in the primary of SMPS as snubber,
clamping or demagnetizing diodes. They are also
suitable for secondary of SMPS as high voltage
rectifier diodes.
DESCRIPTION
IF(AV)
25A
VRRM
1200V
trr (typ)
60ns
VF (max)
1.9V
MAIN PRODUCT CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
V
IF(RMS)
RMS forward current
50
A
IFRM
Repetitive peak forward current
tp = 5
µs F = 5kHz square
300
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
210
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS (limiting values, per diode)
STTA2512P
STTA5012TV1/2
®
TURBOSWITCH
™ ULTRA-FAST HIGH VOLTAGE DIODE
ISOTOP
TM
K2
A2
K1
A1
STTA5012TV1
K2
K1
A1
A2
STTA5012TV2
K
K
A
SOD93
STTA2512P
1/9


Similar Part No. - STTA2512P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
270Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
STTA2006PI STMICROELECTRONICS-STTA2006PI Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006PI STMICROELECTRONICS-STTA2006PI Datasheet
270Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
STTA2006P STMICROELECTRONICS-STTA2006P_02 Datasheet
270Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results

Similar Description - STTA2512P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com