Electronic Components Datasheet Search
  English  ▼

X  

STTA2512P Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTA2512P
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA2512P Datasheet(HTML) 3 Page - STMicroelectronics

  STTA2512P Datasheet HTML 1Page - STMicroelectronics STTA2512P Datasheet HTML 2Page - STMicroelectronics STTA2512P Datasheet HTML 3Page - STMicroelectronics STTA2512P Datasheet HTML 4Page - STMicroelectronics STTA2512P Datasheet HTML 5Page - STMicroelectronics STTA2512P Datasheet HTML 6Page - STMicroelectronics STTA2512P Datasheet HTML 7Page - STMicroelectronics STTA2512P Datasheet HTML 8Page - STMicroelectronics STTA2512P Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
0
5
10
15
20
25
30
0
10
20
30
40
50
60
IF(av) (A)
P1(W)
δ =1
δ = 0.5
δ = 0.2
δ = 0.1
T
δ=tp/T
tp
Fig. 1: Conduction losses versus average current
(per diode).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1
10
100
300
VFM(V)
IFM(A)
Tj=125
°C
Fig. 2: Forward voltage drop versus forward
current (maximum values, per diode).
1E-3
1E-2
1E-1
1E+0
5E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.2
δ = 0.5
Single pulse
δ = 0.1
Fig. 3-1: Relative variation of thermal impedance
junction to case versus pulse duration (per diode)
(ISOTOP).
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
Fig. 3-2: Relative variation of thermal impedance
junction to case versus pulse duration (SOD93).
0
100
200
300
400
500
0
50
100
150
200
250
300
350
400
450
500
trr(ns)
VR=600V
Tj=125
°C
IF=2*IF(av)
IF=IF(av)
IF=0.5*IF(av)
dIF/dt(A/
µs)
Fig. 5: Reverse recovery time versus dIF/dt (90%
confidence, per diode).
0
100
200
300
400
500
0
5
10
15
20
25
30
35
40
45
50
55
IRM(A)
VR=600V
Tj=125
°C
IF=2*IF(av)
IF=0.5*IF(av)
IF=IF(av)
dIF/dt(A/
µs)
Fig. 4: Peak reverse recovery current versus dIF/dt
(90% confidence, per diode).
STTA2512P / STTA5012TV1/2
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com