Electronic Components Datasheet Search
  English  ▼

X  

M66291HP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M66291HP
Description  ASSP (USB2.0 Device Controller)
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66291HP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M66291HP Datasheet HTML 9Page - Renesas Technology Corp M66291HP Datasheet HTML 10Page - Renesas Technology Corp M66291HP Datasheet HTML 11Page - Renesas Technology Corp M66291HP Datasheet HTML 12Page - Renesas Technology Corp M66291HP Datasheet HTML 13Page - Renesas Technology Corp M66291HP Datasheet HTML 14Page - Renesas Technology Corp M66291HP Datasheet HTML 15Page - Renesas Technology Corp M66291HP Datasheet HTML 16Page - Renesas Technology Corp M66291HP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
M66291GP/HP
Rev 1.01 2004.11.01 page 13 of 122
(3) Xtal (Clock Select) Bits (b13~b12)
These bits set the multiplication factor of the external clock into PLL.
Since it is necessary to supply 48 MHz to the core block, the setting values of these bits are determined by the
clock frequency to be input into the PLL.
Refer to Figure 2.3.
(4) SCKE (Internal Clock Enable) Bit (b11)
This bit sets the clock supply into the core block.
Set the PLLC bit to “1” and wait until the oscillation of the PLL stabilizes before setting this bit to “1”.
Refer to Figure 2.3.
O scillation
buffer
XCKE bit
PLL
External clock
PLLC bit
Enable/Disable
SCKE bit
Xtal bits
Multiplying
factor
Core block
I/O block
Enable/Disable
Figure 2.3 Clock Control
(5) USBPC (USB Transceiver Power Control) Bit (b10)
This bit sets the enable/disable of the USB transceiver block of I/O block.
Even if this bit is set to “0”, it is possible to receive the resume signal during the Suspended state (DVSQ bits
= “1xx”). It is necessary that the Tr_on bits be set to “x1” (during operation of SIE block).
(6) Tr_on (Tr_on Output Control) Bits (b9~b8)
These bits set the TrON signal output from I/O block and the enable/disable of SIE block in core block.
(7) USBE (USB Module Operation Enable) Bit (b0)
This bit sets S/W reset.
When this bit is set to “0”, the M66291 enters the S/W reset state and the registers are set to their S/W reset
state.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com